Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

72V261LA Datasheet (PDF) - Renesas Technology Corp

72V261LA Datasheet PDF - Renesas Technology Corp
Part # 72V261LA
Download  72V261LA Download
File Size   395.79 Kbytes
Page   28 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3.3 VOLT CMOS SuperSync FIFO™ 16,384 x 9 32,768 x 9

72V261LA Datasheet (PDF)

Go To PDF Page Download Datasheet
72V261LA Datasheet PDF - Renesas Technology Corp

Part # 72V261LA
Download  72V261LA Click to download

File Size   395.79 Kbytes
Page   28 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3.3 VOLT CMOS SuperSync FIFO™ 16,384 x 9 32,768 x 9

72V261LA Datasheet (HTML) - Renesas Technology Corp


72V261LA Product details

FEATURES:
• Choose among the following memory organizations:
IDT72V261LA — 16,384 x 9
IDT72V271LA — 32,768 x 9
• Pin-compatible with the IDT72V281/72V291 and IDT72V2101/
72V2111SuperSync FIFOs
• Functionally compatible with the 5 Volt IDT72261/72271 family
• 10ns read/write cycle time (6.5ns access time)
• Fixed, low first word data latency time
• 5V input tolerant
• Auto power down minimizes standby power consumption
• Master Reset clears entire FIFO
• Partial Reset clears data, but retains programmable settings
• Retransmit operation with fixed, low first word data
latency time
• Empty, Full and Half-Full flags signal FIFO status
• Programmable Almost-Empty and Almost-Full flags, each flag
can default to one of two preselected offsets
• Program partial flags by either serial or parallel means
• Select IDT Standard timing (using EF and FF flags) or First
Word Fall Through timing (using OR and IR flags)
• Output enable puts data outputs into high impedance state
• Easily expandable in depth and width
• Independent Read and Write clocks (permit reading and writing
simultaneously)
• Available in the 64-pin Thin Quad Flat Pack (TQFP) and the 64-
pin Slim Thin Quad Flat Pack (STQFP)
• High-performance submicron CMOS technology
• Industrial temperature range (–40°C to +85°C) is available
• Green parts available, see ordering information




Similar Part No. - 72V261LA

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
72V261LA10PFG IDT-72V261LA10PFG Datasheet
361Kb / 27P
3.3 VOLT CMOS SuperSync FIFO
72V261LA10PFG8 IDT-72V261LA10PFG8 Datasheet
361Kb / 27P
3.3 VOLT CMOS SuperSync FIFO
72V261LA10PFGI IDT-72V261LA10PFGI Datasheet
361Kb / 27P
3.3 VOLT CMOS SuperSync FIFO
72V261LA10PFGI8 IDT-72V261LA10PFGI8 Datasheet
361Kb / 27P
3.3 VOLT CMOS SuperSync FIFO
72V261LA10TFG IDT-72V261LA10TFG Datasheet
361Kb / 27P
3.3 VOLT CMOS SuperSync FIFO
More results


Similar Description - 72V261LA

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7207 IDT-IDT7207 Datasheet
148Kb / 12P
CMOS ASYNCHRONOUS FIFO 32,768 x 9
IDT72261 IDT-IDT72261 Datasheet
388Kb / 30P
CMOS SUPERSYNC FIFOO 16,384 x 9, 32,768 x 9
IDT72V255LA IDT-IDT72V255LA Datasheet
439Kb / 27P
3.3 VOLT CMOS SuperSync FIFO 8,192 x 18 16,384 x 18
7203L25J IDT-7203L25J Datasheet
311Kb / 10P
CMOS ASYNCHRONOUS FIFO 2,048 x 9, 4,096 x 9 8,192 x 9, 16,384 x 9
logo
Renesas Technology Corp
72V255LA RENESAS-72V255LA Datasheet
402Kb / 28P
3.3 VOLT CMOS SuperSync FIFO™ 8,192 x 18 16,384 x 18
JANUARY 2018
72V275 RENESAS-72V275 Datasheet
553Kb / 26P
3.3 VOLT CMOS SuperSync FIFO™ 32,768 x 18 65,536 x 18
FEBRUARY 2018
72V281 RENESAS-72V281 Datasheet
430Kb / 27P
3.3 VOLT CMOS SuperSync FIFO™ 65,536 x 9 131,072 x 9
JANUARY 2018
IDT72255LA RENESAS-IDT72255LA Datasheet
404Kb / 28P
CMOS SuperSync FIFO™ 8,192 x 18 16,384 x 18
NOVEMBER 2017
IDT72261LA RENESAS-IDT72261LA Datasheet
537Kb / 28P
CMOS SuperSync FIFO™ 16,384 x 9 32,768 x 9
FEBRUARY 2018
IDT72V2101 RENESAS-IDT72V2101 Datasheet
388Kb / 28P
3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO™ 262,144 x 9 524,288 x 9
JANUARY 2018
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com