Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

72V281 Datasheet (PDF) - Renesas Technology Corp

72V281 Datasheet PDF - Renesas Technology Corp
Part # 72V281
Download  72V281 Download
File Size   430.18 Kbytes
Page   27 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3.3 VOLT CMOS SuperSync FIFO™ 65,536 x 9 131,072 x 9

72V281 Datasheet (PDF)

Go To PDF Page Download Datasheet
72V281 Datasheet PDF - Renesas Technology Corp

Part # 72V281
Download  72V281 Click to download

File Size   430.18 Kbytes
Page   27 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3.3 VOLT CMOS SuperSync FIFO™ 65,536 x 9 131,072 x 9

72V281 Datasheet (HTML) - Renesas Technology Corp


72V281 Product details

FEATURES:
• Choose among the following memory organizations:
IDT72V281 65,536 x 9
IDT72V291 131,072 x 9
• Pin-compatible with the IDT72V261/72V271 SuperSync FIFOs
• 10ns read/write cycle time (6.5ns access time)
• Fixed, low first word data latency time
• Auto power down minimizes standby power consumption
• Master Reset clears entire FIFO
• Partial Reset clears data, but retains programmable
settings
• Retransmit operation with fixed, low first word data
latency time
• Empty, Full and Half-Full flags signal FIFO status
• Programmable Almost-Empty and Almost-Full flags, each flag can
default to one of two preselected offsets
• Program partial flags by either serial or parallel means
• Select IDT Standard timing (using EF and FF flags) or First Word
Fall Through timing (using OR and IR flags)
• Output enable puts data outputs into high impedance state
• Easily expandable in depth and width
• Independent Read and Write clocks (permit reading and writing
simultaneously)
• Available in the 64-pin Thin Quad Flat Pack (TQFP) and the 64-pin
Slim Thin Quad Flat Pack (STQFP)
• High-performance submicron CMOS technology
• Industrial Temperature Range (-40°C to + 85°C) is available
• Green parts available, see ordering information




Similar Part No. - 72V281

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
72V281L10PFG IDT-72V281L10PFG Datasheet
222Kb / 26P
3.3 VOLT CMOS SuperSync FIFO
72V281L10PFG8 IDT-72V281L10PFG8 Datasheet
222Kb / 26P
3.3 VOLT CMOS SuperSync FIFO
72V281L10PFGI IDT-72V281L10PFGI Datasheet
222Kb / 26P
3.3 VOLT CMOS SuperSync FIFO
72V281L10PFGI8 IDT-72V281L10PFGI8 Datasheet
222Kb / 26P
3.3 VOLT CMOS SuperSync FIFO
72V281L10TFG IDT-72V281L10TFG Datasheet
222Kb / 26P
3.3 VOLT CMOS SuperSync FIFO
More results


Similar Description - 72V281

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7208 IDT-IDT7208 Datasheet
147Kb / 12P
CMOS ASYNCHRONOUS FIFO 65,536 x 9
IDT72V01 IDT-IDT72V01 Datasheet
133Kb / 13P
3.3 VOLT CMOS ASYNCHRONOUS FIFO 512 x 9, 1024 x 9, 2048 x 9, 4096 x 9
IDT72V295 IDT-IDT72V295 Datasheet
237Kb / 26P
3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO 131,072 x 18 262,144 x 18
logo
Renesas Technology Corp
72V261LA RENESAS-72V261LA Datasheet
395Kb / 28P
3.3 VOLT CMOS SuperSync FIFO™ 16,384 x 9 32,768 x 9
FEBRUARY 2018
72V275 RENESAS-72V275 Datasheet
553Kb / 26P
3.3 VOLT CMOS SuperSync FIFO™ 32,768 x 18 65,536 x 18
FEBRUARY 2018
72V295 RENESAS-72V295 Datasheet
391Kb / 27P
3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO™ 131,072 x 18 262,144 x 18
MARCH 2018
72V36100 RENESAS-72V36100 Datasheet
715Kb / 49P
3.3 VOLT HIGH-DENSITY SUPERSYNC II™ 36-BIT FIFO 65,536 x 36 131,072 x 36
Mar.24.22
IDT72261LA RENESAS-IDT72261LA Datasheet
537Kb / 28P
CMOS SuperSync FIFO™ 16,384 x 9 32,768 x 9
FEBRUARY 2018
IDT72V2101 RENESAS-IDT72V2101 Datasheet
388Kb / 28P
3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO™ 262,144 x 9 524,288 x 9
JANUARY 2018
IDT72V2103 RENESAS-IDT72V2103 Datasheet
496Kb / 47P
3.3 VOLT HIGH-DENSITY SUPERSYNC II™ NARROW BUS FIFO 131,072 x 18/262,144 x 9 262,144 x 18/524,288 x 9
MARCH 2018
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com