Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT72V2103 Datasheet (PDF) - Renesas Technology Corp

IDT72V2103 Datasheet PDF - Renesas Technology Corp
Part # IDT72V2103
Download  IDT72V2103 Download
File Size   496.57 Kbytes
Page   47 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3.3 VOLT HIGH-DENSITY SUPERSYNC II™ NARROW BUS FIFO 131,072 x 18/262,144 x 9 262,144 x 18/524,288 x 9

IDT72V2103 Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT72V2103 Datasheet PDF - Renesas Technology Corp

Part # IDT72V2103
Download  IDT72V2103 Click to download

File Size   496.57 Kbytes
Page   47 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3.3 VOLT HIGH-DENSITY SUPERSYNC II™ NARROW BUS FIFO 131,072 x 18/262,144 x 9 262,144 x 18/524,288 x 9

IDT72V2103 Datasheet (HTML) - Renesas Technology Corp


IDT72V2103 Product details

FEATURES:
• Choose among the following memory organizations:
IDT72V2103 ⎯ 131,072 x 18/262,144 x 9
IDT72V2113 ⎯ 262,144 x 18/524,288 x 9
• Functionally compatible with the IDT72V255LA/72V265LA and
IDT72V275/72V285 SuperSync FIFOs
• Up to 166 MHz Operation of the Clocks
• User selectable Asynchronous read and/or write ports (BGA Only)
• 6 ns read/write cycle time (4.0 ns access time)
• User selectable input and output port bus-sizing
- x9 in to x9 out
- x9 in to x18 out
- x18 in to x9 out
- x18 in to x18 out
• Big-Endian/Little-Endian user selectable byte representation
• 5V tolerant inputs
• Fixed, low first word latency
• Zero latency retransmit
• Auto power down minimizes standby power consumption
• Master Reset clears entire FIFO
• Partial Reset clears data, but retains programmable settings




Similar Part No. - IDT72V2103

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V2103 IDT-IDT72V2103 Datasheet
451Kb / 46P
3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO
IDT72V2103 IDT-IDT72V2103 Datasheet
541Kb / 46P
3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO
IDT72V2103 IDT-IDT72V2103 Datasheet
541Kb / 46P
3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO
IDT72V2103L10BC IDT-IDT72V2103L10BC Datasheet
451Kb / 46P
3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO
IDT72V2103L10BCI IDT-IDT72V2103L10BCI Datasheet
451Kb / 46P
3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO
More results


Similar Description - IDT72V2103

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V255LA IDT-IDT72V255LA Datasheet
439Kb / 27P
3.3 VOLT CMOS SuperSync FIFO 8,192 x 18 16,384 x 18
IDT72V295 IDT-IDT72V295 Datasheet
237Kb / 26P
3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO 131,072 x 18 262,144 x 18
logo
Renesas Technology Corp
72V255LA RENESAS-72V255LA Datasheet
402Kb / 28P
3.3 VOLT CMOS SuperSync FIFO™ 8,192 x 18 16,384 x 18
JANUARY 2018
72V261LA RENESAS-72V261LA Datasheet
395Kb / 28P
3.3 VOLT CMOS SuperSync FIFO™ 16,384 x 9 32,768 x 9
FEBRUARY 2018
72V275 RENESAS-72V275 Datasheet
553Kb / 26P
3.3 VOLT CMOS SuperSync FIFO™ 32,768 x 18 65,536 x 18
FEBRUARY 2018
72V281 RENESAS-72V281 Datasheet
430Kb / 27P
3.3 VOLT CMOS SuperSync FIFO™ 65,536 x 9 131,072 x 9
JANUARY 2018
72V295 RENESAS-72V295 Datasheet
391Kb / 27P
3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO™ 131,072 x 18 262,144 x 18
MARCH 2018
72V36100 RENESAS-72V36100 Datasheet
715Kb / 49P
3.3 VOLT HIGH-DENSITY SUPERSYNC II™ 36-BIT FIFO 65,536 x 36 131,072 x 36
Mar.24.22
IDT72V223 RENESAS-IDT72V223 Datasheet
480Kb / 46P
3.3 VOLT HIGH-DENSITY SUPERSYNC II™ NARROW BUS FIFO
MARCH 2018
IDT72V2101 RENESAS-IDT72V2101 Datasheet
388Kb / 28P
3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO™ 262,144 x 9 524,288 x 9
JANUARY 2018
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com