Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

72V275 Datasheet (PDF) - Renesas Technology Corp

72V275 Datasheet PDF - Renesas Technology Corp
Part # 72V275
Download  72V275 Download
File Size   553.1 Kbytes
Page   26 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3.3 VOLT CMOS SuperSync FIFO™ 32,768 x 18 65,536 x 18

72V275 Datasheet (PDF)

Go To PDF Page Download Datasheet
72V275 Datasheet PDF - Renesas Technology Corp

Part # 72V275
Download  72V275 Click to download

File Size   553.1 Kbytes
Page   26 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3.3 VOLT CMOS SuperSync FIFO™ 32,768 x 18 65,536 x 18

72V275 Datasheet (HTML) - Renesas Technology Corp


72V275 Product details

FEATURES:
• Choose among the following memory organizations:
IDT72V275 32,768 x 18
IDT72V285 65,536 x 18
• Pin-compatible with the IDT72V255/72V265 SuperSync FIFOs
• 10ns read/write cycle time (6.5ns access time)
• Fixed, low first word data latency time
• Auto power down minimizes standby power consumption
• Master Reset clears entire FIFO
• Partial Reset clears data, but retains programmable
settings
• Retransmit operation with fixed, low first word data
latency time
• Empty, Full and Half-Full flags signal FIFO status
• Programmable Almost-Empty and Almost-Full flags, each flag can
default to one of two preselected offsets
• Program partial flags by either serial or parallel means
• Select IDT Standard timing (using EF and FF flags) or First Word
Fall Through timing (using OR and IR flags)
• Output enable puts data outputs into high impedance state
• Easily expandable in depth and width
• Independent Read and Write clocks (permit reading and writing
simultaneously)
• Available in the 64-pin Thin Quad Flat Pack (TQFP) and the 64-pin
Slim Thin Quad Flat Pack (STQFP)
• High-performance submicron CMOS technology
• Industrial temperature range (-40°C to +85°C) is available
• Green parts are available, see ordering information




Similar Part No. - 72V275

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
72V275L10PFG IDT-72V275L10PFG Datasheet
205Kb / 25P
3.3 VOLT CMOS SuperSync FIFO
72V275L10PFG8 IDT-72V275L10PFG8 Datasheet
205Kb / 25P
3.3 VOLT CMOS SuperSync FIFO
72V275L10PFGI IDT-72V275L10PFGI Datasheet
205Kb / 25P
3.3 VOLT CMOS SuperSync FIFO
72V275L10PFGI8 IDT-72V275L10PFGI8 Datasheet
205Kb / 25P
3.3 VOLT CMOS SuperSync FIFO
72V275L10TFG IDT-72V275L10TFG Datasheet
205Kb / 25P
3.3 VOLT CMOS SuperSync FIFO
More results


Similar Description - 72V275

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V255LA IDT-IDT72V255LA Datasheet
439Kb / 27P
3.3 VOLT CMOS SuperSync FIFO 8,192 x 18 16,384 x 18
IDT72V295 IDT-IDT72V295 Datasheet
237Kb / 26P
3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO 131,072 x 18 262,144 x 18
IDT72V285 IDT-IDT72V285 Datasheet
213Kb / 25P
3.3 VOLT CMOS SuperSync FIFO
IDT72V271 IDT-IDT72V271 Datasheet
310Kb / 27P
3.3 VOLT CMOS SuperSync FIFO
logo
Renesas Technology Corp
72V255LA RENESAS-72V255LA Datasheet
402Kb / 28P
3.3 VOLT CMOS SuperSync FIFO™ 8,192 x 18 16,384 x 18
JANUARY 2018
72V261LA RENESAS-72V261LA Datasheet
395Kb / 28P
3.3 VOLT CMOS SuperSync FIFO™ 16,384 x 9 32,768 x 9
FEBRUARY 2018
72V281 RENESAS-72V281 Datasheet
430Kb / 27P
3.3 VOLT CMOS SuperSync FIFO™ 65,536 x 9 131,072 x 9
JANUARY 2018
72V295 RENESAS-72V295 Datasheet
391Kb / 27P
3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO™ 131,072 x 18 262,144 x 18
MARCH 2018
IDT72255LA RENESAS-IDT72255LA Datasheet
404Kb / 28P
CMOS SuperSync FIFO™ 8,192 x 18 16,384 x 18
NOVEMBER 2017
IDT72261LA RENESAS-IDT72261LA Datasheet
537Kb / 28P
CMOS SuperSync FIFO™ 16,384 x 9 32,768 x 9
FEBRUARY 2018
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com