Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

72V36100 Datasheet (PDF) - Renesas Technology Corp

72V36100 Datasheet PDF - Renesas Technology Corp
Part # 72V36100
Download  72V36100 Download
File Size   715.73 Kbytes
Page   49 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3.3 VOLT HIGH-DENSITY SUPERSYNC II™ 36-BIT FIFO 65,536 x 36 131,072 x 36

72V36100 Datasheet (PDF)

Go To PDF Page Download Datasheet
72V36100 Datasheet PDF - Renesas Technology Corp

Part # 72V36100
Download  72V36100 Click to download

File Size   715.73 Kbytes
Page   49 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3.3 VOLT HIGH-DENSITY SUPERSYNC II™ 36-BIT FIFO 65,536 x 36 131,072 x 36

72V36100 Datasheet (HTML) - Renesas Technology Corp


72V36100 Product details

FEATURES:
• Choose among the following memory organizations:
72V36100 ⎯ 65,536 x 36
72V36110 ⎯ 131,072 x 36
• Higher density, 2Meg and 4Meg SuperSync II FIFOs
• Up to 166 MHz Operation of the Clocks
• User selectable Asynchronous read and/or write ports (CABGA Only)
• User selectable input and output port bus-sizing
- x36 in to x36 out
- x36 in to x18 out
- x36 in to x9 out
- x18 in to x36 out
- x9 in to x36 out
• Big-Endian/Little-Endian user selectable byte representation
• 5V input tolerant
• Fixed, low first word latency
• Zero latency retransmit
• Auto power down minimizes standby power consumption
• Master Reset clears entire FIFO
• Partial Reset clears data, but retains programmable settings
• Empty, Full and Half-Full flags signal FIFO status
• Programmable Almost-Empty and Almost-Full flags, each flag can
default to one of eight preselected offsets
• Selectable synchronous/asynchronous timing modes for Almost-
Empty and Almost-Full flags
• Program programmable flags by either serial or parallel means
• Select Standard timing (using EF and FF flags) or First Word Fall
Through timing (using OR and IR flags)
• Output enable puts data outputs into high impedance state
• Easily expandable in depth and width
• JTAG port, provided for Boundary Scan function (CABGA Only)
• Independent Read and Write Clocks (permit reading and writing
simultaneously)
• Available in a 128-pin Thin Quad Flat Pack (TQFP) or a 144-pin Chip
Array BGA (CABGA) (with additional features)
• Pin compatible to the SuperSync II (72V3640/72V3650/72V3660/
72V3670/72V3680/72V3690) family
• High-performance submicron CMOS technology
• Industrial temperature range (–40°C to +85°C) is available
• Green parts available, see ordering information




Similar Part No. - 72V36100

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
72V36100 RENESAS-72V36100 Datasheet
680Kb / 49P
3.3 VOLT HIGH-DENSITY SUPERSYNC II™ 36-BIT FIFO
May.25.23
logo
Integrated Device Techn...
72V36100L10BBG IDT-72V36100L10BBG Datasheet
310Kb / 48P
3.3 VOLT HIGH-DENSITY SUPERSYNC II
72V36100L10BBG8 IDT-72V36100L10BBG8 Datasheet
310Kb / 48P
3.3 VOLT HIGH-DENSITY SUPERSYNC II
72V36100L10BBGI IDT-72V36100L10BBGI Datasheet
310Kb / 48P
3.3 VOLT HIGH-DENSITY SUPERSYNC II
72V36100L10BBGI8 IDT-72V36100L10BBGI8 Datasheet
310Kb / 48P
3.3 VOLT HIGH-DENSITY SUPERSYNC II
More results


Similar Description - 72V36100

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V3640 IDT-IDT72V3640 Datasheet
567Kb / 36P
3.3 VOLT HIGH-DENSITY SUPERSYNC??II 36-BIT FIFO
IDT72V295 IDT-IDT72V295 Datasheet
237Kb / 26P
3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO 131,072 x 18 262,144 x 18
IDT72V7230 IDT-IDT72V7230 Datasheet
442Kb / 42P
3.3 VOLT HIGH-DENSITY SUPERSYNC II 72-BIT FIFO
IDT72V36100 IDT-IDT72V36100 Datasheet
470Kb / 48P
3.3 VOLT HIGH-DENSITY SUPERSYNC II??36-BIT FIFO
logo
Renesas Technology Corp
72V275 RENESAS-72V275 Datasheet
553Kb / 26P
3.3 VOLT CMOS SuperSync FIFO™ 32,768 x 18 65,536 x 18
FEBRUARY 2018
72V281 RENESAS-72V281 Datasheet
430Kb / 27P
3.3 VOLT CMOS SuperSync FIFO™ 65,536 x 9 131,072 x 9
JANUARY 2018
72V295 RENESAS-72V295 Datasheet
391Kb / 27P
3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO™ 131,072 x 18 262,144 x 18
MARCH 2018
72V3631 RENESAS-72V3631 Datasheet
450Kb / 21P
3.3 VOLT CMOS SyncFIFOTM 512 x 36 1,024 x 36
Oct.29.21
IDT72V2103 RENESAS-IDT72V2103 Datasheet
496Kb / 47P
3.3 VOLT HIGH-DENSITY SUPERSYNC II™ NARROW BUS FIFO 131,072 x 18/262,144 x 9 262,144 x 18/524,288 x 9
MARCH 2018
IDT72V3640 RENESAS-IDT72V3640 Datasheet
493Kb / 47P
3.3V HIGH-DENSITY SUPERSYNC™ II 36-BIT FIFO 1,024 x 36, 2,048 x 36 4,096 x 36, 8,192 x 36 16,384 x 36, 32,768 x 36
AUGUST 2018
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com