Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT72V3640 Datasheet (PDF) - Renesas Technology Corp

IDT72V3640 Datasheet PDF - Renesas Technology Corp
Part # IDT72V3640
Download  IDT72V3640 Download
File Size   493.59 Kbytes
Page   47 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3.3V HIGH-DENSITY SUPERSYNC™ II 36-BIT FIFO 1,024 x 36, 2,048 x 36 4,096 x 36, 8,192 x 36 16,384 x 36, 32,768 x 36

IDT72V3640 Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT72V3640 Datasheet PDF - Renesas Technology Corp

Part # IDT72V3640
Download  IDT72V3640 Click to download

File Size   493.59 Kbytes
Page   47 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3.3V HIGH-DENSITY SUPERSYNC™ II 36-BIT FIFO 1,024 x 36, 2,048 x 36 4,096 x 36, 8,192 x 36 16,384 x 36, 32,768 x 36

IDT72V3640 Datasheet (HTML) - Renesas Technology Corp


IDT72V3640 Product details

FEATURES:
• Choose among the following memory organizations:Commercial
IDT72V3640 ⎯ 1,024 x 36
IDT72V3650 ⎯ 2,048 x 36
IDT72V3660 ⎯ 4,096 x 36
IDT72V3670 ⎯ 8,192 x 36
IDT72V3680 ⎯ 16,384 x 36
IDT72V3690 ⎯ 32,768 x 36
• Up to 166 MHz Operation of the Clocks
• User selectable Asynchronous read and/or write ports (PBGA Only)
• User selectable input and output port bus-sizing
- x36 in to x36 out
- x36 in to x18 out
- x36 in to x9 out
- x18 in to x36 out
- x9 in to x36 out
• Pin to Pin compatible to the higher density of IDT72V36100 and
IDT72V36110
• Big-Endian/Little-Endian user selectable byte representation
• 5V input tolerant
• Fixed, low first word latency




Similar Part No. - IDT72V3640

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V3640 IDT-IDT72V3640 Datasheet
567Kb / 36P
3.3 VOLT HIGH-DENSITY SUPERSYNC??II 36-BIT FIFO
IDT72V3640L10PF IDT-IDT72V3640L10PF Datasheet
567Kb / 36P
3.3 VOLT HIGH-DENSITY SUPERSYNC??II 36-BIT FIFO
IDT72V3640L15PF IDT-IDT72V3640L15PF Datasheet
567Kb / 36P
3.3 VOLT HIGH-DENSITY SUPERSYNC??II 36-BIT FIFO
IDT72V3640L75PF IDT-IDT72V3640L75PF Datasheet
567Kb / 36P
3.3 VOLT HIGH-DENSITY SUPERSYNC??II 36-BIT FIFO
More results


Similar Description - IDT72V3640

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT723631 IDT-IDT723631 Datasheet
269Kb / 23P
CMOS SyncFIFOO 512 x 36, 1024 x 36, 2048 x 36
IDT72V3654 IDT-IDT72V3654 Datasheet
416Kb / 37P
3.3 VOLT CMOS SyncBiFIFOTM WITH BUS-MATCHING 2,048 x 36 x 2 4,096 x 36 x 2 8,192 x 36 x 2
IDT72V3622 IDT-IDT72V3622 Datasheet
217Kb / 29P
3.3 VOLT CMOS SyncBiFIFO 256 x 36 x 2 512 x 36 x 2 1,024 x 36 x 2
logo
Jinan Gude Electronic D...
IDT723623 JGD-IDT723623 Datasheet
286Kb / 28P
CMOS BUS-MATCHING SyncFIFOTM 256 x 36, 512 x 36, 1,024 x 36
logo
Renesas Technology Corp
72V36100 RENESAS-72V36100 Datasheet
715Kb / 49P
3.3 VOLT HIGH-DENSITY SUPERSYNC II™ 36-BIT FIFO 65,536 x 36 131,072 x 36
Mar.24.22
72V3631 RENESAS-72V3631 Datasheet
450Kb / 21P
3.3 VOLT CMOS SyncFIFOTM 512 x 36 1,024 x 36
Oct.29.21
IDT72V3653 RENESAS-IDT72V3653 Datasheet
375Kb / 31P
3.3 VOLT CMOS SyncFIFOTM WITH BUS-MATCHING 2,048 x 36 4,096 x 36 8,192 x 36
MARCH 2018
IDT723622 RENESAS-IDT723622 Datasheet
370Kb / 25P
CMOS SyncBiFIFOTM 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
FEBRUARY 2015
IDT723623 RENESAS-IDT723623 Datasheet
377Kb / 29P
CMOS BUS-MATCHING SyncFIFO TM 256 x 36, 512 x 36, 1,024 x 36
MARCH 2018
IDT723631 RENESAS-IDT723631 Datasheet
528Kb / 21P
CMOS SyncFIFO™512 x 36 1,024 x 36 2,048 x 36
MARCH 2014
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com