Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

72V3631 Datasheet (PDF) - Renesas Technology Corp

72V3631 Datasheet PDF - Renesas Technology Corp
Part # 72V3631
Download  72V3631 Download
File Size   450.36 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3.3 VOLT CMOS SyncFIFOTM 512 x 36 1,024 x 36

72V3631 Datasheet (PDF)

Go To PDF Page Download Datasheet
72V3631 Datasheet PDF - Renesas Technology Corp

Part # 72V3631
Download  72V3631 Click to download

File Size   450.36 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3.3 VOLT CMOS SyncFIFOTM 512 x 36 1,024 x 36

72V3631 Datasheet (HTML) - Renesas Technology Corp


72V3631 Product details

FEATURES
• Storage capacity:
72V3631 - 512 x 36
72V3641 - 1,024 x 36
• Supports clock frequencies up to 67 MHz
• Fast access times of 10ns
• Free-running CLKA and CLKB can be asynchronous or coincident
(permits simultaneous reading and writing of data on a
single clock edge)
• Clocked FIFO buffering data from Port A to Port B
• Synchronous read retransmit capability
• Mailbox register in each direction
• Programmable Almost-Full and Almost-Empty flags
• Microprocessor interface control logic
• Input Ready (IR) and Almost-Full (AF) flags synchronized by CLKA
• Output Ready (OR) and Almost-Empty (AE) flags synchronized by CLKB




Similar Part No. - 72V3631

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
72V3631L15PFG IDT-72V3631L15PFG Datasheet
394Kb / 20P
3.3 VOLT CMOS SyncFIFO
72V3631L15PFG8 IDT-72V3631L15PFG8 Datasheet
394Kb / 20P
3.3 VOLT CMOS SyncFIFO
More results


Similar Description - 72V3631

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V3622 IDT-IDT72V3622 Datasheet
217Kb / 29P
3.3 VOLT CMOS SyncBiFIFO 256 x 36 x 2 512 x 36 x 2 1,024 x 36 x 2
logo
Jinan Gude Electronic D...
IDT723623 JGD-IDT723623 Datasheet
286Kb / 28P
CMOS BUS-MATCHING SyncFIFOTM 256 x 36, 512 x 36, 1,024 x 36
logo
Integrated Device Techn...
IDT72V3623 IDT-IDT72V3623 Datasheet
289Kb / 28P
3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING 256 x 36, 512 x 36, 1,024 x 36
IDT72V3624 IDT-IDT72V3624 Datasheet
362Kb / 34P
3.3 VOLT CMOS SyncBiFIFO WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
logo
Renesas Technology Corp
72V3611 RENESAS-72V3611 Datasheet
253Kb / 20P
3.3 VOLT CMOS SyncFIFOTM 64 x 36
Feb.10.20
IDT72V3622 RENESAS-IDT72V3622 Datasheet
385Kb / 30P
3.3 VOLT CMOS SyncBiFIFOTM 256 x 36 x 2 512 x 36 x 2 1,024 x 36 x 2
FEBRUARY 2015
IDT72V3623 RENESAS-IDT72V3623 Datasheet
365Kb / 29P
3.3 VOLT CMOS SyncFIFOTM WITH BUS-MATCHING 256 x 36 1,024 x 36
MARCH 2018
IDT72V3626 RENESAS-IDT72V3626 Datasheet
742Kb / 37P
3.3 VOLT CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
FEBRUARY 2009
IDT72V3653 RENESAS-IDT72V3653 Datasheet
375Kb / 31P
3.3 VOLT CMOS SyncFIFOTM WITH BUS-MATCHING 2,048 x 36 4,096 x 36 8,192 x 36
MARCH 2018
IDT723631 RENESAS-IDT723631 Datasheet
528Kb / 21P
CMOS SyncFIFO™512 x 36 1,024 x 36 2,048 x 36
MARCH 2014
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com