Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

72V3611 Datasheet (PDF) - Renesas Technology Corp

72V3611 Datasheet PDF - Renesas Technology Corp
Part # 72V3611
Download  72V3611 Download
File Size   253.63 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3.3 VOLT CMOS SyncFIFOTM 64 x 36

72V3611 Datasheet (PDF)

Go To PDF Page Download Datasheet
72V3611 Datasheet PDF - Renesas Technology Corp

Part # 72V3611
Download  72V3611 Click to download

File Size   253.63 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3.3 VOLT CMOS SyncFIFOTM 64 x 36

72V3611 Datasheet (HTML) - Renesas Technology Corp


72V3611 Product details

FEATURES:
• 64 x 36 storage capacity
• Supports clock frequencies up to 67MHz
• Fast access times of 10ns
• Free-running CLKA and CLKB may be asynchronous or
coincident (permits simultaneous reading and writing of
data on a single clock edge)
• Synchronous data buffering from Port A to Port B
• Mailbox bypass register in each direction
• Programmable Almost-Full (AF) and Almost-Empty (AE) flags
• Microprocessor Interface Control Logic
• Full Flag (FF) and Almost-Full (AF) flags synchronized by CLKA
• Empty Flag (EF) and Almost-Empty (AE) flags synchronized by
CLKB
• Passive parity checking on each Port
• Parity Generation can be selected for each Port
• Available in space-saving 120-pin Thin Quad Flatpack (PFG)
• Green parts available, see ordering information




Similar Part No. - 72V3611

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
72V36110 RENESAS-72V36110 Datasheet
715Kb / 49P
3.3 VOLT HIGH-DENSITY SUPERSYNC II™ 36-BIT FIFO 65,536 x 36 131,072 x 36
Mar.24.22
72V36110 RENESAS-72V36110 Datasheet
680Kb / 49P
3.3 VOLT HIGH-DENSITY SUPERSYNC II™ 36-BIT FIFO
May.25.23
logo
Integrated Device Techn...
72V36110L10BBG IDT-72V36110L10BBG Datasheet
310Kb / 48P
3.3 VOLT HIGH-DENSITY SUPERSYNC II
72V36110L10BBG8 IDT-72V36110L10BBG8 Datasheet
310Kb / 48P
3.3 VOLT HIGH-DENSITY SUPERSYNC II
72V36110L10BBGI IDT-72V36110L10BBGI Datasheet
310Kb / 48P
3.3 VOLT HIGH-DENSITY SUPERSYNC II
More results


Similar Description - 72V3611

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V3611 IDT-IDT72V3611 Datasheet
200Kb / 20P
3.3 VOLT CMOS SyncFIFO 64 x 36
IDT72V3612 IDT-IDT72V3612 Datasheet
233Kb / 25P
3.3 VOLT CMOS SyncBiFIFO-TM 64 x 36 x 2
IDT72V3631 IDT-IDT72V3631 Datasheet
224Kb / 21P
3.3 VOLT CMOS SyncFIFOTM
IDT72V3653 IDT-IDT72V3653 Datasheet
321Kb / 30P
3.3 VOLT CMOS SyncFIFOTM WITH BUS-MATCHING
logo
Renesas Technology Corp
72V3612 RENESAS-72V3612 Datasheet
291Kb / 25P
3.3 VOLT CMOS SyncBiFIFOTM 64 x 36 x 2
Feb.19.20
72V3631 RENESAS-72V3631 Datasheet
450Kb / 21P
3.3 VOLT CMOS SyncFIFOTM 512 x 36 1,024 x 36
Oct.29.21
IDT72V205 RENESAS-IDT72V205 Datasheet
380Kb / 26P
3.3 VOLT CMOS SyncFIFOTM
MARCH 2018
IDT72V3623 RENESAS-IDT72V3623 Datasheet
365Kb / 29P
3.3 VOLT CMOS SyncFIFOTM WITH BUS-MATCHING 256 x 36 1,024 x 36
MARCH 2018
IDT72V3626 RENESAS-IDT72V3626 Datasheet
742Kb / 37P
3.3 VOLT CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
FEBRUARY 2009
IDT72V3653 RENESAS-IDT72V3653 Datasheet
375Kb / 31P
3.3 VOLT CMOS SyncFIFOTM WITH BUS-MATCHING 2,048 x 36 4,096 x 36 8,192 x 36
MARCH 2018
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com