Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

72V3612 Datasheet (PDF) - Renesas Technology Corp

72V3612 Datasheet PDF - Renesas Technology Corp
Part # 72V3612
Download  72V3612 Download
File Size   291.01 Kbytes
Page   25 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3.3 VOLT CMOS SyncBiFIFOTM 64 x 36 x 2

72V3612 Datasheet (PDF)

Go To PDF Page Download Datasheet
72V3612 Datasheet PDF - Renesas Technology Corp

Part # 72V3612
Download  72V3612 Click to download

File Size   291.01 Kbytes
Page   25 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3.3 VOLT CMOS SyncBiFIFOTM 64 x 36 x 2

72V3612 Datasheet (HTML) - Renesas Technology Corp


72V3612 Product details

FEATURES:
• Two independent clocked FIFOs (64 x 36 storage capacity each)
buffering data in opposite directions
• Supports clock frequencies up to 83 MHz
• Fast access times of 8ns
• Free-running CLKA and CLKB can be asynchronous or
coincident (simultaneous reading and writing of data on a
single clock edge is permitted)
• Mailbox bypass Register for each FIFO
• Programmable Almost-Full and Almost-Empty Flags
• Microprocessor interface control logic
• EFA , FFA , AEA , and AFA flags synchronized by CLKA
• EFB , FFB , AEB , and AFB flags synchronized by CLKB

• Passive parity checking on each port
• Parity generation can be selected for each port
• Available in space saving 120-pin thin quad flat package (TQFP)
• Green parts available, see ordering information




Similar Part No. - 72V3612

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
72V3612L12PFG IDT-72V3612L12PFG Datasheet
397Kb / 24P
3.3 VOLT CMOS SyncBiFIFO
72V3612L12PFG8 IDT-72V3612L12PFG8 Datasheet
397Kb / 24P
3.3 VOLT CMOS SyncBiFIFO
72V3612L15PFG IDT-72V3612L15PFG Datasheet
397Kb / 24P
3.3 VOLT CMOS SyncBiFIFO
72V3612L15PFG8 IDT-72V3612L15PFG8 Datasheet
397Kb / 24P
3.3 VOLT CMOS SyncBiFIFO
More results


Similar Description - 72V3612

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V3654 IDT-IDT72V3654 Datasheet
416Kb / 37P
3.3 VOLT CMOS SyncBiFIFOTM WITH BUS-MATCHING 2,048 x 36 x 2 4,096 x 36 x 2 8,192 x 36 x 2
IDT72V3611 IDT-IDT72V3611 Datasheet
200Kb / 20P
3.3 VOLT CMOS SyncFIFO 64 x 36
IDT72V3612 IDT-IDT72V3612 Datasheet
233Kb / 25P
3.3 VOLT CMOS SyncBiFIFO-TM 64 x 36 x 2
logo
Renesas Technology Corp
72V3611 RENESAS-72V3611 Datasheet
253Kb / 20P
3.3 VOLT CMOS SyncFIFOTM 64 x 36
Feb.10.20
IDT72V3614 RENESAS-IDT72V3614 Datasheet
665Kb / 33P
3.3 VOLT CMOS SyncBiFIFOTM WITH BUS-MATCHING AND BYTE SWAPPING 64 x 36 x 2
JANUARY 2014
IDT72V3622 RENESAS-IDT72V3622 Datasheet
385Kb / 30P
3.3 VOLT CMOS SyncBiFIFOTM 256 x 36 x 2 512 x 36 x 2 1,024 x 36 x 2
FEBRUARY 2015
IDT72V3624 RENESAS-IDT72V3624 Datasheet
446Kb / 35P
3.3 VOLT CMOS SyncBiFIFOTM WITH BUS-MATCHING 256 x 36 x 2 1,024 x 36 x 2
MARCH 2018
IDT72V3664 RENESAS-IDT72V3664 Datasheet
454Kb / 38P
3.3 VOLT CMOS SyncBiFIFOTM WITH BUS-MATCHING 4,096 x 36 x 2
JUNE 2016
IDT723612 RENESAS-IDT723612 Datasheet
611Kb / 26P
CMOS SyncBiFIFOTM 64 x 36 x 2
FEBRUARY 2009
IDT723622 RENESAS-IDT723622 Datasheet
370Kb / 25P
CMOS SyncBiFIFOTM 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
FEBRUARY 2015
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com