Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT72V2101 Datasheet (PDF) - Renesas Technology Corp

IDT72V2101 Datasheet PDF - Renesas Technology Corp
Part # IDT72V2101
Download  IDT72V2101 Download
File Size   388.94 Kbytes
Page   28 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO™ 262,144 x 9 524,288 x 9

IDT72V2101 Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT72V2101 Datasheet PDF - Renesas Technology Corp

Part # IDT72V2101
Download  IDT72V2101 Click to download

File Size   388.94 Kbytes
Page   28 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO™ 262,144 x 9 524,288 x 9

IDT72V2101 Datasheet (HTML) - Renesas Technology Corp


IDT72V2101 Product details

FEATURES:
• Choose among the following memory organizations:
IDT72V2101 ⎯ 262,144 x 9
IDT72V2111 ⎯ 524,288 x 9
• Pin-compatible with the IDT72V261/72V271 and the IDT72V281/
72V291 SuperSync FIFOs
• 10ns read/write cycle time (6.5ns access time)
• Fixed, low first word data latency time
• 5V input tolerant
• Auto power down minimizes standby power consumption
• Master Reset clears entire FIFO
• Partial Reset clears data, but retains programmable settings
• Retransmit operation with fixed, low first word data latency time
• Empty, Full and Half-Full flags signal FIFO status
• Programmable Almost-Empty and Almost-Full flags, each flag can
default to one of two preselected offsets
• Program partial flags by either serial or parallel means
• Select IDT Standard timing (using EF and FF flags) or First Word Fall
Through timing (using OR and IR flags)
• Output enable puts data outputs into high impedance state
• Easily expandable in depth and width
• Independent Read and Write clocks (permit reading and writing
simultaneously)




Similar Part No. - IDT72V2101

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V2101 IDT-IDT72V2101 Datasheet
242Kb / 27P
3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
IDT72V2101 IDT-IDT72V2101 Datasheet
434Kb / 27P
3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
IDT72V210110PF IDT-IDT72V210110PF Datasheet
242Kb / 27P
3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
IDT72V210110PFI IDT-IDT72V210110PFI Datasheet
242Kb / 27P
3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
IDT72V210115PF IDT-IDT72V210115PF Datasheet
242Kb / 27P
3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
More results


Similar Description - IDT72V2101

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V01 IDT-IDT72V01 Datasheet
133Kb / 13P
3.3 VOLT CMOS ASYNCHRONOUS FIFO 512 x 9, 1024 x 9, 2048 x 9, 4096 x 9
IDT72V295 IDT-IDT72V295 Datasheet
237Kb / 26P
3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO 131,072 x 18 262,144 x 18
IDT72V2101 IDT-IDT72V2101 Datasheet
242Kb / 27P
3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
IDT72V2101 IDT-IDT72V2101_14 Datasheet
434Kb / 27P
3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
logo
Renesas Technology Corp
72V261LA RENESAS-72V261LA Datasheet
395Kb / 28P
3.3 VOLT CMOS SuperSync FIFO™ 16,384 x 9 32,768 x 9
FEBRUARY 2018
72V275 RENESAS-72V275 Datasheet
553Kb / 26P
3.3 VOLT CMOS SuperSync FIFO™ 32,768 x 18 65,536 x 18
FEBRUARY 2018
72V281 RENESAS-72V281 Datasheet
430Kb / 27P
3.3 VOLT CMOS SuperSync FIFO™ 65,536 x 9 131,072 x 9
JANUARY 2018
72V295 RENESAS-72V295 Datasheet
391Kb / 27P
3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO™ 131,072 x 18 262,144 x 18
MARCH 2018
IDT72261LA RENESAS-IDT72261LA Datasheet
537Kb / 28P
CMOS SuperSync FIFO™ 16,384 x 9 32,768 x 9
FEBRUARY 2018
IDT72V2103 RENESAS-IDT72V2103 Datasheet
496Kb / 47P
3.3 VOLT HIGH-DENSITY SUPERSYNC II™ NARROW BUS FIFO 131,072 x 18/262,144 x 9 262,144 x 18/524,288 x 9
MARCH 2018
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com