Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC32MX270F256D Datasheet (PDF) - Microchip Technology

PIC32MX270F256D Datasheet PDF - Microchip Technology
Part # PIC32MX270F256D
Download  PIC32MX270F256D Download
File Size   183.66 Kbytes
Page   8 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description PIC32MX270F256D Bluetooth짰 Audio 44-pin to 100-pinTQFP Plug-In Module (PIM) Information Sheet

PIC32MX270F256D Datasheet (PDF)

Go To PDF Page Download Datasheet
PIC32MX270F256D Datasheet PDF - Microchip Technology

Part # PIC32MX270F256D
Download  PIC32MX270F256D Click to download

File Size   183.66 Kbytes
Page   8 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description PIC32MX270F256D Bluetooth짰 Audio 44-pin to 100-pinTQFP Plug-In Module (PIM) Information Sheet

PIC32MX270F256D Datasheet (HTML) - Microchip Technology


PIC32MX270F256D Product details

Operating Conditions

• 2.3V to 3.6V, -40ºC to +105ºC, DC to 40 MHz

• 2.3V to 3.6V, -40ºC to +85ºC, DC to 50 MHz



Core: 50 MHz/83 DMIPS MIPS32® M4K®

• MIPS16e® mode for up to 40% smaller code size

• Code-efficient (C and Assembly) architecture

• Single-cycle (MAC) 32x16 and two-cycle 32x32 multiply



Clock Management

• 0.9% internal oscillator

• Programmable PLLs and oscillator clock sources

• Fail-Safe Clock Monitor (FSCM)

• Independent Watchdog Timer

• Fast wake-up and start-up



Power Management

• Low-power management modes (Sleep and Idle)

• Integrated Power-on Reset and Brown-out Reset

• 0.5 mA/MHz dynamic current (typical)

• 20 μA IPD current (typical)



Audio Interface Features

• Data communication: I2S, LJ, RJ, and DSP modes

• Control interface: SPI and I2C™

• Master clock:

- Generation of fractional clock frequencies

- Can be synchronized with USB clock

- Can be tuned in run-time



Advanced Analog Features

• ADC Module:

- 10-bit 1.1 Msps rate with one S&H

- Up to 10 analog inputs on 28-pin devices and 13

analog inputs on 44-pin devices

• Flexible and independent ADC trigger sources

• Charge Time Measurement Unit (CTMU):

- Supports mTouch™ capacitive touch sensing

- Provides high-resolution time measurement (1 ns)

- On-chip temperature measurement capability

• Comparators:

- Up to three Analog Comparator modules

- Programmable references with 32 voltage points




Similar Part No. - PIC32MX270F256D

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC32MX270F256D MICROCHIP-PIC32MX270F256D Datasheet
7Mb / 344P
32-bit Microcontrollers (up to 256 KB Flash and 64 KB SRAM) with Audio and Graphics Interfaces, USB, and Advanced Analog
07/14/15
More results


Similar Description - PIC32MX270F256D

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSPIC33EP512MU810 MICROCHIP-DSPIC33EP512MU810 Datasheet
461Kb / 10P
dsPIC33EP512MU810 and PIC24EP512GU810 100-pin TQFP to 100-pin Plug-In Module (PIM)
2011
PIC24EPXXX810 MICROCHIP-PIC24EPXXX810 Datasheet
245Kb / 2P
Dual Motor Control Plug-In Module (PIM) Information Sheet
2011
logo
List of Unclassifed Man...
WT32-A-AI ETC2-WT32-A-AI Datasheet
317Kb / 2P
WT32 Bluetooth짰 Audio Module?
logo
Microchip Technology
PIC32MZ2048ECH144 MICROCHIP-PIC32MZ2048ECH144 Datasheet
165Kb / 10P
PIC32MZ EC and PIC32MZ EF Bluetooth짰 Audio 144-pin to 100-pin TQFP Plug-In Module
01/27/15
BM20 MICROCHIP-BM20 Datasheet
2Mb / 46P
Bluetooth짰 4.1 Stereo Audio Module
2015
DSPIC33EP512GM710 MICROCHIP-DSPIC33EP512GM710 Datasheet
177Kb / 6P
dsPIC33EP512GM710 100-Pin TQFP to 100-Pin Plug-In Module (PIM) Information Sheet
11/29/12
PIC32MK MICROCHIP-PIC32MK Datasheet
250Kb / 8P
PIC32MK 100-pin Motor Control Plug-In Module (PIM) Information Sheet
10/25/17
PIC32MX270F512L MICROCHIP-PIC32MX270F512L Datasheet
186Kb / 6P
PIC32MX270F512L Bluetooth짰 Audio 100-pin to 100-pinTQFPPlug-In Module (PIM) Information Sheet
03/25/14
PIC32MX570F512L MICROCHIP-PIC32MX570F512L Datasheet
155Kb / 8P
PIC32MX570F512L 100-pin to 100-pin TQFP CAN-USB Plug-In Module (PIM) Information Sheet
03/25/14
BM83 MICROCHIP-BM83 Datasheet
4Mb / 74P
BM83 Bluetooth짰 Stereo Audio Module Data Sheet
2019
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com