Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC32MX570F512L Datasheet (PDF) - Microchip Technology

PIC32MX570F512L Datasheet PDF - Microchip Technology
Part # PIC32MX570F512L
Download  PIC32MX570F512L Download
File Size   155.78 Kbytes
Page   8 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description PIC32MX570F512L 100-pin to 100-pin TQFP CAN-USB Plug-In Module (PIM) Information Sheet

PIC32MX570F512L Datasheet (PDF)

Go To PDF Page Download Datasheet
PIC32MX570F512L Datasheet PDF - Microchip Technology

Part # PIC32MX570F512L
Download  PIC32MX570F512L Click to download

File Size   155.78 Kbytes
Page   8 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description PIC32MX570F512L 100-pin to 100-pin TQFP CAN-USB Plug-In Module (PIM) Information Sheet

PIC32MX570F512L Datasheet (HTML) - Microchip Technology


PIC32MX570F512L Product details

DEVICE OVERVIEW
This document contains device-specific information for PIC32MX1XX/2XX/5XX 64/100-pin devices.

Operating Conditions
• 2.3V to 3.6V, -40ºC to +105ºC (DC to 40 MHz),
    -40ºC to +85ºC (DC to 50 MHz)

Core: 50 MHz/83 DMIPS MIPS32® M4K®
• MIPS16e® mode for up to 40% smaller code size
• Code-efficient (C and Assembly) architecture
• Single-cycle (MAC) 32x16 and two-cycle 32x32 multiply

Clock Management
• 0.9% internal oscillator
• Programmable PLLs and oscillator clock sources
• Fail-Safe Clock Monitor (FSCM)
• Independent Watchdog Timer
• Fast wake-up and start-up

Power Management
• Low-power management modes (Sleep and Idle)
• Integrated Power-on Reset, Brown-out Reset, and High

Voltage Detect
• 0.5 mA/MHz dynamic current (typical)
• 44 μA IPD current (typical)

Audio/Graphics/Touch HMI Features
• External graphics interface with up to 34 PMP pins
• Audio data communication: I2S, LJ, RJ, USB
• Audio data control interface: SPI and I2C
• Audio data master clock:
    - Generation of fractional clock frequencies
    - Can be synchronized with USB clock
    - Can be tuned in run-time
• Charge Time Measurement Unit (CTMU):
    - Supports mTouch® capacitive touch sensing
    - Provides high-resolution time measurement (1 ns)

Advanced Analog Features
• ADC Module:
    - 10-bit 1 Msps rate with one Sample and Hold (S&H)
    - Up to 48 analog inputs
    - Can operate during Sleep mode
• Flexible and independent ADC trigger sources
• On-chip temperature measurement capability
• Comparators:
    - Three dual-input Comparator modules
    - Programmable reference with 32 voltage points

Timers/Output Compare/Input Capture
• Five General Purpose Timers:
    - Five 16-bit and up to two 32-bit Timers/Counters
• Five Output Compare (OC) modules
• Five Input Capture (IC) modules
• Peripheral Pin Select (PPS) to allow function remap
• Real-Time Clock and Calendar (RTCC) module

Communication Interfaces
• USB 2.0-compliant Full-speed OTG controller
• Up to five UART modules (12.5 Mbps):
    - LIN 1.2 protocols and IrDA® support
• Four 4-wire SPI modules (25 Mbps)
• Two I2C modules (up to 1 Mbaud) with SMBus support
• PPS to allow function remap
• Parallel Master Port (PMP) with dual read/write buffers
• Controller Area Network (CAN) 2.0B Compliant with DeviceNet™ addressing support

Direct Memory Access (DMA)
• Four channels of hardware DMA with automatic data size detection
• 32-bit Programmable Cyclic Redundancy Check (CRC)
• Two additional channels dedicated to USB
• Two additional channels dedicated to CAN

Input/Output
• 10 mA or 15 mA source/sink for standard VOH/VOL and up to 22 mA for non-standard VOH1
• 5V-tolerant pins
• Selectable open drain, pull-ups, and pull-downs
• External interrupts on all I/O pins

Qualification and Class B Support
• AEC-Q100 REVG (Grade 2 -40ºC to +105ºC)
• Class B Safety Library, IEC 60730

Debugger Development Support
• In-circuit and in-application programming
• 4-wire MIPS® Enhanced JTAG interface
• Unlimited program and six complex data breakpoints
• IEEE 1149.2-compatible (JTAG) boundary scan




Similar Part No. - PIC32MX570F512L

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC32MX575F256H MICROCHIP-PIC32MX575F256H Datasheet
5Mb / 256P
High-Performance, USB, CAN and Ethernet 32-bit Flash Microcontrollers
2009-2011
PIC32MX575F256H MICROCHIP-PIC32MX575F256H Datasheet
8Mb / 448P
32-bit Microcontrollers (up to 512 KB Flash and 128 KB SRAM) with Graphics Interface, USB, CAN, and Ethernet
11/29/12 2009-2013
PIC32MX575F256H MICROCHIP-PIC32MX575F256H Datasheet
5Mb / 256P
High-Performance, USB, CAN and Ethernet 32-bit Flash Microcontrollers
05/02/11
PIC32MX575F256H MICROCHIP-PIC32MX575F256H Datasheet
2Mb / 236P
High-Performance, USB, CAN and Ethernet 32-Bit Flash Microcontrollers
01/05/10
PIC32MX575F256H-80I MICROCHIP-PIC32MX575F256H-80I Datasheet
2Mb / 236P
High-Performance, USB, CAN and Ethernet 32-Bit Flash Microcontrollers
01/05/10
More results


Similar Description - PIC32MX570F512L

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M3T-FLX-100NSE RENESAS-M3T-FLX-100NSE Datasheet
316Kb / 1P
Converter for Connecting 100-core Flexible Board FLX100 to 100-pin 0.4mm-pitch TQFP
logo
Microchip Technology
DSPIC33EP512MU810 MICROCHIP-DSPIC33EP512MU810 Datasheet
461Kb / 10P
dsPIC33EP512MU810 and PIC24EP512GU810 100-pin TQFP to 100-pin Plug-In Module (PIM)
2011
PIC24EPXXX810 MICROCHIP-PIC24EPXXX810 Datasheet
245Kb / 2P
Dual Motor Control Plug-In Module (PIM) Information Sheet
2011
logo
ACCUTEK MICROCIRCUIT CO...
AK80D900-TSSOP ACCUTEK-AK80D900-TSSOP_13 Datasheet
1Mb / 4P
80 Pin to 100 Pin DIP Adapters
logo
List of Unclassifed Man...
PA16C64-QD-03 ETC2-PA16C64-QD-03 Datasheet
39Kb / 1P
44 pin PQFP or TQFP socket/40 pin DIP 0.6" plug
logo
Microchip Technology
PIC32MZ2048ECH144 MICROCHIP-PIC32MZ2048ECH144 Datasheet
165Kb / 10P
PIC32MZ EC and PIC32MZ EF Bluetooth짰 Audio 144-pin to 100-pin TQFP Plug-In Module
01/27/15
DSPIC33EP512GM710 MICROCHIP-DSPIC33EP512GM710 Datasheet
177Kb / 6P
dsPIC33EP512GM710 100-Pin TQFP to 100-Pin Plug-In Module (PIM) Information Sheet
11/29/12
PIC32MK MICROCHIP-PIC32MK Datasheet
250Kb / 8P
PIC32MK 100-pin Motor Control Plug-In Module (PIM) Information Sheet
10/25/17
PIC32MX270F256D MICROCHIP-PIC32MX270F256D Datasheet
183Kb / 8P
PIC32MX270F256D Bluetooth짰 Audio 44-pin to 100-pinTQFP Plug-In Module (PIM) Information Sheet
03/25/14
PIC32MX270F512L MICROCHIP-PIC32MX270F512L Datasheet
186Kb / 6P
PIC32MX270F512L Bluetooth짰 Audio 100-pin to 100-pinTQFPPlug-In Module (PIM) Information Sheet
03/25/14
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com