Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9115 Datasheet (PDF) - SMSC Corporation

LAN9115 Datasheet PDF - SMSC Corporation
Part # LAN9115
Download  LAN9115 Download
File Size   219.86 Kbytes
Page   7 Pages
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation
Description HIGHLY EFFICIENT SINGLE - CHIP 10/100 NON PCI ETHERNET CONTROLLER

LAN9115 Datasheet (PDF)

Go To PDF Page Download Datasheet
LAN9115 Datasheet PDF - SMSC Corporation

Part # LAN9115
Download  LAN9115 Click to download

File Size   219.86 Kbytes
Page   7 Pages
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation
Description HIGHLY EFFICIENT SINGLE - CHIP 10/100 NON PCI ETHERNET CONTROLLER

LAN9115 Datasheet (HTML) - SMSC Corporation


LAN9115 Product details

General Description

The LAN9115 is a full-featured,single-chip 10/100 Ethernet controller designed for embedded

applications where performance, flexibility, ease of integration and system cost control are required. The LAN9115 has been architected to provide the best price-performance ratio for any 16-bit application with medium performance requirements. The LAN9115 is fully IEEE 802.3 10BASE-T and 802.3u 100BASE-TX compliant.

The LAN9115 includes an integrated Ethernet MAC and PHY with a high-performance SRAM-like slave interface. The simple, yet highly functional host businterface provides a glue-less connection to most common 16-bit microprocessors and microcontrollers as well as 32-bit microprocessors exposing a 16-bit external bus. The LAN9115 includes large transmit and receive data FIFOs to accommodate high latency applications. In addition, the LAN9115 memory buffer architecture allows the most efficient use of memory resources by ptimizing packet granularity.



PRODUCT FEATURES

Highlights

■ Member of LAN9118 Family; optimized for medium performance applications

■ Easily interfaces to most 16-bit embedded CPU’s

■ Efficient architecture with low CPU overhead

■ Integrated PHY; supports external PHY via MII interface

■ Supports audio & video streaming over Ethernet: multiple standard-definition (SD) MPEG2 streams

■ Medium-speed member of LAN9118 Family(all members are pin-compatible)



Target Applications

■ Printers, kiosks, security systems

■ General embedded applications

■ Audio distribution systems

■ Basic Cable, satellite, and IP set-top boxes

■ Video-over IP Solutions, IP PBX & Video Phones

■ Wireless routers & access points

■ Digital video recorders



Applications

The LAN9115 is well suited for many medium-performance embedded applications, including:

■ Printers, kiosks, POS terminals and security systems

■ Audio distribution systems

■ General embedded systems

■ Basic cable, satellite and IP set-top boxes Vioce-over-IP solutions




Similar Part No. - LAN9115

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN9115 SMSC-LAN9115 Datasheet
1Mb / 131P
Highly Efficient Single- Chip 10/100 Non-PCI Ethernet Controller
logo
Microchip Technology
LAN9115 MICROCHIP-LAN9115 Datasheet
1Mb / 114P
Highly Efficient Single-Chip 10/100 Non-PCI Ethernet Controller
06/23/16
logo
SMSC Corporation
LAN9115 SMSC-LAN9115 Datasheet
1Mb / 136P
Highly Efficient Single-Chip 10/100 Non-PCI Ethernet Controller
LAN9115-MD SMSC-LAN9115-MD Datasheet
1Mb / 131P
Highly Efficient Single- Chip 10/100 Non-PCI Ethernet Controller
LAN9115-MT SMSC-LAN9115-MT Datasheet
1Mb / 131P
Highly Efficient Single- Chip 10/100 Non-PCI Ethernet Controller
More results


Similar Description - LAN9115

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN9118 SMSC-LAN9118_05 Datasheet
1Mb / 126P
High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
LAN9115 SMSC-LAN9115_05 Datasheet
1Mb / 131P
Highly Efficient Single- Chip 10/100 Non-PCI Ethernet Controller
LAN9116 SMSC-LAN9116 Datasheet
1Mb / 126P
Highly Efficient Single-Chip 10/100 Non-PCI Ethernet Controller
LAN9118 SMSC-LAN9118_07 Datasheet
1Mb / 129P
High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
logo
Microchip Technology
LAN9118 MICROCHIP-LAN9118 Datasheet
1,015Kb / 109P
High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
06/23/16
LAN9116 MICROCHIP-LAN9116 Datasheet
1,016Kb / 109P
Highly Efficient Single-Chip 10/100 Non-PCI Ethernet Controller
06/23/16
LAN9115 MICROCHIP-LAN9115 Datasheet
1Mb / 114P
Highly Efficient Single-Chip 10/100 Non-PCI Ethernet Controller
06/23/16
logo
SMSC Corporation
LAN9117 SMSC-LAN9117_08 Datasheet
1Mb / 136P
High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
LAN9116 SMSC-LAN9116_08 Datasheet
1Mb / 132P
Highly Efficient Single-Chip 10/100 Non-PCI Ethernet Controller
LAN9115 SMSC-LAN9115_08 Datasheet
1Mb / 136P
Highly Efficient Single-Chip 10/100 Non-PCI Ethernet Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com