Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9115 Datasheet(PDF) 7 Page - SMSC Corporation

Part # LAN9115
Description  HIGHLY EFFICIENT SINGLE - CHIP 10/100 NON PCI ETHERNET CONTROLLER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9115 Datasheet(HTML) 7 Page - SMSC Corporation

  LAN9115 Datasheet HTML 1Page - SMSC Corporation LAN9115 Datasheet HTML 2Page - SMSC Corporation LAN9115 Datasheet HTML 3Page - SMSC Corporation LAN9115 Datasheet HTML 4Page - SMSC Corporation LAN9115 Datasheet HTML 5Page - SMSC Corporation LAN9115 Datasheet HTML 6Page - SMSC Corporation LAN9115 Datasheet HTML 7Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Highly Efficient Single-Chip 10/100 Non-PCI Ethernet Controller
SMSC LAN9115
7
Revision 0.1 (12-20-04)
PRODUCT PREVIEW
Package Outline
Notes:
1 Controlling Unit: millimeter.
2 Tolerance on the true position of the leads is ± 0.04 mm maximum.
3 Package body dimensions D1 and E1 do not include the mold protrusion. Maximum mold protrusion is 0.25 mm.
4 Dimension for foot length L measured at the gauge plane 0.25 mm above the seating plane.
5 Details of pin 1 identifier are optional but must be located within the zone indicated.
Figure 4 100 Pin TQFP Package Outline
Table 1 100 Pin TQFP Package Parameters
MIN
NOMINAL
MAX
REMARKS
A
~
~
1.60
Overall Package Height
A1
0.05
~
0.15
Standoff
A2
1.35
~
1.45
Body Thickness
D
15.80
~
16.20
X Span
D1
13.90
~
14.10
X body Size
E
15.80
~
16.20
Y Span
E1
13.90
~
14.10
Y body Size
H
0.09
~
0.20
Lead Frame Thickness
L
0.45
0.60
0.75
Lead Foot Length
L1
~
1.00
~
Lead Length
e
0.50 Basic
Lead Pitch
θ
0o
~7o
Lead Foot Angle
W
0.17
0.22
0.27
Lead Width
R1
0.08
~
~
Lead Shoulder Radius
R2
0.08
~
0.20
Lead Foot Radius
ccc
~
~
0.08
Coplanarity



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com