Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDA17P100-1U2M Datasheet (PDF) - STMicroelectronics

ESDA17P100-1U2M Datasheet PDF - STMicroelectronics
Part # ESDA17P100-1U2M
Download  ESDA17P100-1U2M Download
File Size   605.26 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High power transient voltage suppressor

ESDA17P100-1U2M Datasheet (PDF)

Go To PDF Page Download Datasheet
ESDA17P100-1U2M Datasheet PDF - STMicroelectronics

Part # ESDA17P100-1U2M
Download  ESDA17P100-1U2M Click to download

File Size   605.26 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High power transient voltage suppressor

ESDA17P100-1U2M Datasheet (HTML) - STMicroelectronics


ESDA17P100-1U2M Product details

Description
The ESDA17P100-1U2M is a unidirectional single line TVS diode designed to protect the power line against EOS and ESD transients.
The device is ideal for applications where high power TVS and board space saving is required.

Features
• Low clamping voltage
• Peak pulse power: 4800 W (8/20 µs)
• Stand-off voltage 15 V
• Unidirectional diode
• Low leakage current: 0.2 µA at 25 °C
• Complies with IEC 61000-4-2 level 4
    - ±30 kV (air discharge)
    - ±30 kV (contact discharge)

Applications
Where transient overvoltage protection in ESD sensitive equipment is required, such as:
• Smartphones, mobile phones, tablets, portable multimedia
• USB VBUS protection
• Power supply protection
• Battery protection




Similar Part No. - ESDA17P100-1U2M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDA17P20-1F2 STMICROELECTRONICS-ESDA17P20-1F2 Datasheet
531Kb / 11P
15 V, 25 A unidirectional TVS in SOD882T
15-Jun-2020
ESDA17P20-1F2 STMICROELECTRONICS-ESDA17P20-1F2 Datasheet
3Mb / 32P
ST portfolio for smartphone platforms
Jan-2023
ESDA17P50-1U1M STMICROELECTRONICS-ESDA17P50-1U1M Datasheet
605Kb / 10P
High power transient voltage suppressor
25-Jul-2016
More results


Similar Description - ESDA17P100-1U2M

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MPZ5-16 MICROSEMI-MPZ5-16 Datasheet
111Kb / 2P
High Power Transient Voltage Suppressor and Zener
logo
STMicroelectronics
ESDA7P60-1U1M STMICROELECTRONICS-ESDA7P60-1U1M Datasheet
374Kb / 10P
High power transient voltage suppressor
14-Oct-2015
ESDA13P70-1U1M STMICROELECTRONICS-ESDA13P70-1U1M Datasheet
367Kb / 10P
High power transient voltage suppressor
03-Nov-2015
ESDA8P80-1U1M STMICROELECTRONICS-ESDA8P80-1U1M Datasheet
348Kb / 10P
High power transient voltage suppressor
02-Mar-2016
ESDA15P60-1U1M STMICROELECTRONICS-ESDA15P60-1U1M Datasheet
616Kb / 10P
High power transient voltage suppressor
27-Jul-2016
ESDA17P50-1U1M STMICROELECTRONICS-ESDA17P50-1U1M Datasheet
605Kb / 10P
High power transient voltage suppressor
25-Jul-2016
ESDA25P35-1U1M STMICROELECTRONICS-ESDA25P35-1U1M Datasheet
585Kb / 10P
High power transient voltage suppressor
28-Jul-2016
logo
New Jersey Semi-Conduct...
MPZ5-16 NJSEMI-MPZ5-16 Datasheet
88Kb / 1P
High Power Transient Voltage Suppressor and Zener
logo
STMicroelectronics
ESDA22P150-1U3M STMICROELECTRONICS-ESDA22P150-1U3M Datasheet
358Kb / 12P
High power transient voltage suppressor
24-May-2018
ESDA24P140-1U3M STMICROELECTRONICS-ESDA24P140-1U3M Datasheet
358Kb / 12P
High power transient voltage suppressor
22-May-2018
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com