Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDA22P150-1U3M Datasheet (PDF) - STMicroelectronics

ESDA22P150-1U3M Datasheet PDF - STMicroelectronics
Part # ESDA22P150-1U3M
Download  ESDA22P150-1U3M Download
File Size   358.47 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High power transient voltage suppressor

ESDA22P150-1U3M Datasheet (PDF)

Go To PDF Page Download Datasheet
ESDA22P150-1U3M Datasheet PDF - STMicroelectronics

Part # ESDA22P150-1U3M
Download  ESDA22P150-1U3M Click to download

File Size   358.47 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High power transient voltage suppressor

ESDA22P150-1U3M Datasheet (HTML) - STMicroelectronics


ESDA22P150-1U3M Product details

Features
• Low clamping voltage
• Peak pulse power:
– 4500 W (8/20μs)
• Stand off voltage 20 V
• Unidirectional diode
• Low leakage current:
– 0.25 μA at 25°C
• Complies with the following standards: IEC 61000-4-2 level 4
– ± 30 kV (air discharge)
– ± 30 kV (contact discharge)

Description
The ESDA22P150-1U3M is a unidirectional single line TVS diode designed to protect
the power line against EOS & ESD transients.
The device is ideal for applications where high power TVS and board space saving is
required.

Application
Where transient over voltage protection in ESD sensitive equipment is required, such
as:
• Smartphones, mobile phones, tablets, portable multimedia
• USB Vbus protection
• Power supply protection
• Battery protection




Similar Part No. - ESDA22P150-1U3M

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
ESDA24 LEIDITECH-ESDA24 Datasheet
583Kb / 5P
Rated peak single pulse transient current
logo
STMicroelectronics
ESDA24P140-1U3M STMICROELECTRONICS-ESDA24P140-1U3M Datasheet
358Kb / 12P
High power transient voltage suppressor
22-May-2018
logo
Weitron Technology
ESDA25 WEITRON-ESDA25 Datasheet
590Kb / 3P
Dual transil arr ay for ESD protection
logo
STMicroelectronics
ESDA25-4BP6 STMICROELECTRONICS-ESDA25-4BP6 Datasheet
116Kb / 8P
Transil array for ESD protection
22-May-2007
ESDA25-5W STMICROELECTRONICS-ESDA25-5W Datasheet
109Kb / 11P
TRANSIL??array for data protection
29-Aug-2005
More results


Similar Description - ESDA22P150-1U3M

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MPZ5-16 MICROSEMI-MPZ5-16 Datasheet
111Kb / 2P
High Power Transient Voltage Suppressor and Zener
logo
STMicroelectronics
ESDA7P60-1U1M STMICROELECTRONICS-ESDA7P60-1U1M Datasheet
374Kb / 10P
High power transient voltage suppressor
14-Oct-2015
ESDA13P70-1U1M STMICROELECTRONICS-ESDA13P70-1U1M Datasheet
367Kb / 10P
High power transient voltage suppressor
03-Nov-2015
ESDA8P80-1U1M STMICROELECTRONICS-ESDA8P80-1U1M Datasheet
348Kb / 10P
High power transient voltage suppressor
02-Mar-2016
ESDA15P60-1U1M STMICROELECTRONICS-ESDA15P60-1U1M Datasheet
616Kb / 10P
High power transient voltage suppressor
27-Jul-2016
ESDA17P50-1U1M STMICROELECTRONICS-ESDA17P50-1U1M Datasheet
605Kb / 10P
High power transient voltage suppressor
25-Jul-2016
ESDA25P35-1U1M STMICROELECTRONICS-ESDA25P35-1U1M Datasheet
585Kb / 10P
High power transient voltage suppressor
28-Jul-2016
ESDA17P100-1U2M STMICROELECTRONICS-ESDA17P100-1U2M Datasheet
605Kb / 10P
High power transient voltage suppressor
14-Mar-2017
logo
New Jersey Semi-Conduct...
MPZ5-16 NJSEMI-MPZ5-16 Datasheet
88Kb / 1P
High Power Transient Voltage Suppressor and Zener
logo
STMicroelectronics
ESDA24P140-1U3M STMICROELECTRONICS-ESDA24P140-1U3M Datasheet
358Kb / 12P
High power transient voltage suppressor
22-May-2018
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com