Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSE6SF Datasheet (PDF) - OSRAM GmbH

LSE6SF Datasheet PDF - OSRAM GmbH
Part # LSE6SF
Download  LSE6SF Download
File Size   492.73 Kbytes
Page   21 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Power TOPLED

LSE6SF Datasheet (PDF)

Go To PDF Page Download Datasheet
LSE6SF Datasheet PDF - OSRAM GmbH

Part # LSE6SF
Download  LSE6SF Click to download

File Size   492.73 Kbytes
Page   21 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Power TOPLED

LSE6SF Datasheet (HTML) - OSRAM GmbH


LSE6SF Product details

Features
• package: white P-LCC-4 package, colorless clear silicone resin
• feature of the device: more light due to higher optical efficiency
• wavelength: 633 nm (super-red), 625 nm (red), 617 nm (amber), 606 nm (orange), 590 nm (yellow)
• viewing angle: Lambertian Emitter (120°)
• technology: InGaAlP
• optical efficiency: 38 lm/W (super-red), 49 lm/W (red), 69 lm/W (amber, orange), 44 lm/W (yellow)
• grouping parameter: luminous intensity, forward voltage, wavelength
• assembly methods: suitable for all SMT assembly methods
• soldering methods: reflow soldering and TTW soldering
• preconditioning: acc. to JEDEC Level 2
• taping: 8 mm tape with 2000/reel, ø180 mm or 8000/reel, ø330 mm
• ESD-withstand voltage: up to 2 kV acc. to JESD22-A114-D

Applications
• traffic lights
• backlighting (LCD, switches, keys, displays, illuminated advertising)
• interior and exterior automotive lighting (e.g. dashboard backlighting and brake lights)
• substitution of micro incandescent lamps
• marker lights (e.g. steps, exit ways, etc.)
• signal and symbol luminaire




Similar Part No. - LSE6SF

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
LSE6S HONEYWELL-LSE6S Datasheet
11Mb / 38P
MICRO SWITCH Heavy-Duty Limit Switch
2018 06/18
More results


Similar Description - LSE6SF

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LS-E6SF-V2BA-1-1-Z OSRAM-LS-E6SF-V2BA-1-1-Z Datasheet
492Kb / 21P
Power TOPLED
LAE6SF OSRAM-LAE6SF Datasheet
493Kb / 21P
Power TOPLED
LAE67B OSRAM-LAE67B_13 Datasheet
440Kb / 19P
Power TOPLED
LAE67F OSRAM-LAE67F Datasheet
591Kb / 21P
Power TOPLED
LAETSF OSRAM-LAETSF Datasheet
612Kb / 21P
Power TOPLED
LAETSF OSRAM-LAETSF_17 Datasheet
626Kb / 21P
Power TOPLED
LSE67B OSRAM-LSE67B_13 Datasheet
439Kb / 19P
Power TOPLED
LSE67F OSRAM-LSE67F Datasheet
439Kb / 20P
Power TOPLED
LTE67C OSRAM-LTE67C_17 Datasheet
607Kb / 21P
Power TOPLED
LAE67F OSRAM-LAE67F_14 Datasheet
548Kb / 21P
Power TOPLED
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com