Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSE6SF Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LSE6SF
Description  Power TOPLED
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LSE6SF Datasheet(HTML) 1 Page - OSRAM GmbH

  LSE6SF Datasheet HTML 1Page - OSRAM GmbH LSE6SF Datasheet HTML 2Page - OSRAM GmbH LSE6SF Datasheet HTML 3Page - OSRAM GmbH LSE6SF Datasheet HTML 4Page - OSRAM GmbH LSE6SF Datasheet HTML 5Page - OSRAM GmbH LSE6SF Datasheet HTML 6Page - OSRAM GmbH LSE6SF Datasheet HTML 7Page - OSRAM GmbH LSE6SF Datasheet HTML 8Page - OSRAM GmbH LSE6SF Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
2013-10-02
1
2013-10-02
Power TOPLED
Datasheet
Version 1.2
LS E6SF
PowerTOPLED, a powerful member of the TOPLED
family. Thanks to their high luminous efficacy, the
LEDs are ideal for rear light clusters and indicators on
vehicles and for display panels for traffic control
systems.
PowerTOPLED, ein leistungsstarkes Mitglied der
TOPLED Familie. Dank der hohen Lichtausbeute
eignen sie sich ideal für Heckleuchten und Indikatoren
an Fahrzeugen und für Display-Panels in
Verkehrsleitsysteme.
Features:
Besondere Merkmale:
• Package: white PLCC-4 package, colorless clear
silicone resin
• Gehäusetyp: weisses PLCC-4 Gehäuse,
farbloser, klarer Silikon Verguss
• Technology: InGaAlP Thinfilm
• Technologie: InGaAlP Thinfilm
• Viewing angle at 50 % IV: 120° (Lambertian
Emitter)
• Abstrahlwinkel bei 50 % IV: 120° (Lambertscher
Strahler)
• Color: super red (633 nm)
• Farbe: super rot (633 nm)
Applications
Anwendungen
• Signaling
• Signalanlagen
• Backlighting
• Hinterleuchtung
• Automotive Lighting Interior and Exterior
• Automobilbeleuchtung innen und außen
• Signal and Symbol Luminary
• Signal- und Symbolleuchten


Similar Part No. - LSE6SF

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
LSE6S HONEYWELL-LSE6S Datasheet
11Mb / 38P
MICRO SWITCH Heavy-Duty Limit Switch
2018 06/18
More results

Similar Description - LSE6SF

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LS-E6SF-V2BA-1-1-Z OSRAM-LS-E6SF-V2BA-1-1-Z Datasheet
492Kb / 21P
Power TOPLED
LAE6SF OSRAM-LAE6SF Datasheet
493Kb / 21P
Power TOPLED
LAE67B OSRAM-LAE67B_13 Datasheet
440Kb / 19P
Power TOPLED
LAE67F OSRAM-LAE67F Datasheet
591Kb / 21P
Power TOPLED
LAETSF OSRAM-LAETSF Datasheet
612Kb / 21P
Power TOPLED
LAETSF OSRAM-LAETSF_17 Datasheet
626Kb / 21P
Power TOPLED
LSE67B OSRAM-LSE67B_13 Datasheet
439Kb / 19P
Power TOPLED
LSE67F OSRAM-LSE67F Datasheet
439Kb / 20P
Power TOPLED
LTE67C OSRAM-LTE67C_17 Datasheet
607Kb / 21P
Power TOPLED
LAE67F OSRAM-LAE67F_14 Datasheet
548Kb / 21P
Power TOPLED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com