Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CX28333 Datasheet (PDF) - Synaptics Incorporated.

CX28333 Datasheet PDF - Synaptics Incorporated.
Part # CX28333
Download  CX28333 Download
File Size   562.11 Kbytes
Page   68 Pages
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.
Description Single/Dual/Triple E3/DS3/STS-1 Line Interface Unit

CX28333 Datasheet (PDF)

Go To PDF Page Download Datasheet
CX28333 Datasheet PDF - Synaptics Incorporated.

Part # CX28333
Download  CX28333 Click to download

File Size   562.11 Kbytes
Page   68 Pages
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.
Description Single/Dual/Triple E3/DS3/STS-1 Line Interface Unit

CX28333 Datasheet (HTML) - Synaptics Incorporated.


CX28333 Product details

The CX28333 is a three-channel, E3/DS3/STS-1 fully-integrated Line Interface Unit (LIU). It is configured via external pins and does not need a microprocessor interface. Each channel has an independent equalizer on the receive side requiring no user configuration. Also, each channel has a programmable transmit pulse shaper that can be set to ensure that the cross-connect pulse mask requirement is met for transmit cable length up to 450 feet. The CX28332 is a dual-channel, and the CX28331 is a single-channel LIU with performance identical to the CX28333.



Distinguishing Features

• Can be used as a data transceiver over a maximum of 900 feet of Type 734/728 coaxial cable or equivalent in an on-premise environment

• Programmable pulse filtering to meet cross-connect pulse masks (ANSI T1.102-1993)

• Meets jitter specifications of Bellcore GR499, GR253, and TBR24 (with external JAT).

• Large input dynamic range

• Alarms for coding violation and loss of signal

• Full diagnostic loopback capability

• Uses a minimum of external components

• Compatible with ITU-T G.703, G.823

• Independent power down mode per channel

• Easily interfaced to the DS3/E3 Framer IC (CX28342/3/4/6/8 and CN8330)

• Selectable B3ZS/HDB3 encoding/decoding

• Superior input receiver sensitivity (< 25 mV)

• Transmit monitor inputs (CX2833i-3x series only)



Physical Characteristics

• 80- and 100-pin ETQFP package

• Single 3.3 V power supply

• 1 W maximum power dissipation (CX28333)

• –40 °C to +85 °C temperature range

• 5 V-tolerant pins

• TTL digital pins



Applications

• Digital Cross-Connect Systems

• Routers

• ATM Switches

• Channelized Line Aggregation Units

• Test Equipment

• Channel Service Units

• Multiplexers




Similar Part No. - CX28333

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CX28342 ETC1-CX28342 Datasheet
1Mb / 195P
Dual/Triple/Quad/Hex/Octal-Enhanced DS3/E3 Framer
CX28343 ETC1-CX28343 Datasheet
1Mb / 195P
Dual/Triple/Quad/Hex/Octal-Enhanced DS3/E3 Framer
CX28344 ETC1-CX28344 Datasheet
1Mb / 195P
Dual/Triple/Quad/Hex/Octal-Enhanced DS3/E3 Framer
CX28346 ETC1-CX28346 Datasheet
1Mb / 195P
Dual/Triple/Quad/Hex/Octal-Enhanced DS3/E3 Framer
CX28348 ETC1-CX28348 Datasheet
1Mb / 195P
Dual/Triple/Quad/Hex/Octal-Enhanced DS3/E3 Framer
More results


Similar Description - CX28333

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT73L00A EXAR-XRT73L00A Datasheet
597Kb / 53P
E3/DS3/STS-1 LINE INTERFACE UNIT
logo
Maxim Integrated Produc...
DS3150 MAXIM-DS3150 Datasheet
399Kb / 28P
3.3V, DS3/E3/STS-1 Line Interface Unit
REV: 012505
logo
Exar Corporation
XRT7300 EXAR-XRT7300 Datasheet
608Kb / 55P
E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC00 EXAR-XRT73LC00 Datasheet
336Kb / 53P
E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC00A EXAR-XRT73LC00A Datasheet
410Kb / 53P
E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC00A EXAR-XRT73LC00A_08 Datasheet
394Kb / 63P
E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC04A EXAR-XRT73LC04A_08 Datasheet
431Kb / 64P
4 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
XRT73LC00AIV-F EXAR-XRT73LC00AIV-F Datasheet
517Kb / 61P
E3/DS3/STS-1 LINE INTERFACE UNIT
logo
M/A-COM Technology Solu...
28333-DSH-001-A MA-COM-28333-DSH-001-A Datasheet
710Kb / 65P
Single/Dual/Triple E3/DS3/STS-1
28333-DSH-001-A MA-COM-28333-DSH-001-A_15 Datasheet
710Kb / 65P
Single/Dual/Triple E3/DS3/STS-1 Line Interface Unit
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com