Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CX28343 Datasheet (PDF) - List of Unclassifed Manufacturers

CX28343 Datasheet PDF - List of Unclassifed Manufacturers
Part # CX28343
Download  CX28343 Download
File Size   1976.26 Kbytes
Page   195 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description Dual/Triple/Quad/Hex/Octal-Enhanced DS3/E3 Framer

CX28343 Datasheet (PDF)

Go To PDF Page Download Datasheet
CX28343 Datasheet PDF - List of Unclassifed Manufacturers

Part # CX28343
Download  CX28343 Click to download

File Size   1976.26 Kbytes
Page   195 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description Dual/Triple/Quad/Hex/Octal-Enhanced DS3/E3 Framer

CX28343 Datasheet (HTML) - List of Unclassifed Manufacturers


CX28343 Product details

[Conexant]



Dual/Triple/Quad/Hex/Octal-Enhanced DS3/E3 Framer

The CX28342/3/4/6/8 provides Dual, Triple, Quad, Hex, and Octal DS3/E3 framers designed to support DS3-M13, DS3-C-bit parity, E3-G.751, and E3-G.832 transmission formats. The CX28342/3/4/6/8 provides framing recovery for M13, M23, C-bit parity, G.751, and G.832 formatted signals. A FIFO buffer in the receive path can be enabled to reduce jitter on the incoming data. The CX28342/3/4/6/8 devices allow for ease of configuration, while providing

maximum flexibility to support the transmission and recovery of industry standard formats. It provides a flexible overhead bit generation method in DS3/E3 modes to source overhead bits on an individual framer.



Distinguishing Features

Two, three, four, six, eight independent T3/E3 framers in one package

Line coding supported:

  T3-B3ZS, NRZ, AMI

  E3-HDB3, NRZ, AMI

Framing supported:

  T3-M13, M23, C-bit parity

  E3-G.751, G.832

Inserts and extracts overhead bits

Full FEAC and TDL channels support

Full Performance Monitoring support per T1.231

Integrated Dejitter FIFO

Glueless interfaces to the following processors:

  Intel: 8051, 8151, 8031, 8751, 8x251

  Motorola: 68000, 68020, 68030, 68302

An asynchronous processor interface

LIU Interfaces:

  Glueless interface to Conexant’s DS3/E3

LIU (CX2832/3)

  Option for a definition of LIU’s clocks

polarity-sampling edge

Power Supplies and Power Consumption

  I/O 3.3 V, input 5 V-tolerant, core 2.5 V

  Requires 3.3 V and 2.5 V power

supplies. Optional 5 V supply required

for 5 V input tolerance

  Low power operation (<200 mW per port)



 




Similar Part No. - CX28343

ManufacturerPart #DatasheetDescription
logo
Synaptics Incorporated.
CX28331 CONEXANT-CX28331 Datasheet
562Kb / 68P
Single/Dual/Triple E3/DS3/STS-1 Line Interface Unit
CX28331-1X CONEXANT-CX28331-1X Datasheet
562Kb / 68P
Single/Dual/Triple E3/DS3/STS-1 Line Interface Unit
CX28331-3X CONEXANT-CX28331-3X Datasheet
562Kb / 68P
Single/Dual/Triple E3/DS3/STS-1 Line Interface Unit
CX28332 CONEXANT-CX28332 Datasheet
562Kb / 68P
Single/Dual/Triple E3/DS3/STS-1 Line Interface Unit
CX28332-1X CONEXANT-CX28332-1X Datasheet
562Kb / 68P
Single/Dual/Triple E3/DS3/STS-1 Line Interface Unit
More results


Similar Description - CX28343

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS3142 DALLAS-DS3142 Datasheet
1Mb / 88P
Single/Dual/Triple/Quad DS3/E3 Framers
DS3152 DALLAS-DS3152 Datasheet
788Kb / 60P
Single/Dual/Triple/Quad DS3/E3/STS-1 LIUs
DS3254 DALLAS-DS3254 Datasheet
925Kb / 71P
Single/Dual/Triple/Quad DS3/E3/STS-1 LIUs
logo
Exar Corporation
XRT7250 EXAR-XRT7250 Datasheet
5Mb / 463P
DS3/E3 FRAMER IC
logo
Dallas Semiconductor
DS3171 DALLAS-DS3171 Datasheet
2Mb / 232P
Single/Dual/Triple/Quad DS3/E3 Single-Chip Transceivers
logo
Maxim Integrated Produc...
DS3141 MAXIM-DS3141 Datasheet
1Mb / 88P
Single/Dual/Triple/Quad DS3/E3 Framers
REV: 012003
DS3151 MAXIM-DS3151_07 Datasheet
694Kb / 61P
Single/Dual/Triple/Quad DS3/E3/STS-1 LIUs
REV: 030607
logo
M/A-COM Technology Solu...
28330-PBD-001-A MA-COM-28330-PBD-001-A Datasheet
23Kb / 1P
Bt8330EPJC - DS3/E3 Framer Revision
logo
Maxim Integrated Produc...
DS3251 MAXIM-DS3251 Datasheet
909Kb / 71P
Single/Dual/Triple/Quad DS3/E3/STS-1 LIUs
REV: 030106
DS3144DK MAXIM-DS3144DK Datasheet
1Mb / 20P
Quad DS3/E3 Framer Demo Kit Daughter Card
REV: 082203
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com