Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet (PDF) - Exar Corporation

XRT7250 Datasheet PDF - Exar Corporation
Part # XRT7250
Download  XRT7250 Download
File Size   5542.74 Kbytes
Page   463 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description DS3/E3 FRAMER IC

XRT7250 Datasheet (PDF)

Go To PDF Page Download Datasheet
XRT7250 Datasheet PDF - Exar Corporation

Part # XRT7250
Download  XRT7250 Click to download

File Size   5542.74 Kbytes
Page   463 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description DS3/E3 FRAMER IC

XRT7250 Datasheet (HTML) - Exar Corporation


XRT7250 Product details

GENERAL DESCRIPTION
The XRT7250 DS3/E3 Framer IC is designed to accept “User Data” from the Terminal Equipment and insert this data into the “payload” bit-fields within an “outbound” DS3/E3 Data Stream. Further, the Framer IC is also designed to receive an “inbound” DS3/E3 Data Stream (from the Remote Terminal Equipment) and extract out the “User Data”.

FEATURES
• Transmits, Receives and Processes data in the DS3-C-bit Parity, DS3-M13, E3-ITU-T G.751 and E3-ITU-T G.832 Framing Formats.
• Interfaces to all Popular Microprocessors
• Integrated Framer Performance Monitor
• Available in a 100 Pin PQFP package
• Operating Temperature -40°C to +85°C

APPLICATIONS
• Interface to DS3 or E3 Networks
• CSU/DSU Equipment.
• PCM Test Equipment
• Fiber Optic Terminals




Similar Part No. - XRT7250

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT7288 EXAR-XRT7288 Datasheet
1Mb / 24P
CEPT1 Line Interface
XRT7288IP EXAR-XRT7288IP Datasheet
1Mb / 24P
CEPT1 Line Interface
XRT7288IW EXAR-XRT7288IW Datasheet
1Mb / 24P
CEPT1 Line Interface
logo
Pulse A Technitrol Comp...
XRT7295 PULSE-XRT7295 Datasheet
131Kb / 2P
T3/DS3/E3/STS-1 TRANSFORMERS Extended Temperature Range
XRT7295 PULSE-XRT7295 Datasheet
131Kb / 2P
T3/DS3/E3/STS-1 TRANSFORMERS
More results


Similar Description - XRT7250

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT72L52 EXAR-XRT72L52 Datasheet
2Mb / 480P
TWO CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
XRT72L50 EXAR-XRT72L50 Datasheet
2Mb / 471P
SINGLE CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
XR72L52 EXAR-XR72L52 Datasheet
6Mb / 480P
TWO CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
XRT72L53 EXAR-XRT72L53 Datasheet
5Mb / 467P
THREE CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
XRT72L54 EXAR-XRT72L54 Datasheet
5Mb / 484P
FOUR CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
XRT72L56 EXAR-XRT72L56 Datasheet
5Mb / 486P
SIX CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
XRT72L58 EXAR-XRT72L58 Datasheet
5Mb / 486P
EIGHT CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
XRT79L71 EXAR-XRT79L71_1 Datasheet
5Mb / 434P
1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC -
logo
M/A-COM Technology Solu...
28330-PBD-001-A MA-COM-28330-PBD-001-A Datasheet
23Kb / 1P
Bt8330EPJC - DS3/E3 Framer Revision
28330-DSH-002-A MA-COM-28330-DSH-002-A_15 Datasheet
897Kb / 101P
DS3/E3 Framer with 52 Mbps HDLC Controller
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com