Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 1 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 1 Page - Exar Corporation

  XRT7250 Datasheet HTML 1Page - Exar Corporation XRT7250 Datasheet HTML 2Page - Exar Corporation XRT7250 Datasheet HTML 3Page - Exar Corporation XRT7250 Datasheet HTML 4Page - Exar Corporation XRT7250 Datasheet HTML 5Page - Exar Corporation XRT7250 Datasheet HTML 6Page - Exar Corporation XRT7250 Datasheet HTML 7Page - Exar Corporation XRT7250 Datasheet HTML 8Page - Exar Corporation XRT7250 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 463 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • (510) 668-7000 • FAX (510) 668-7017 • www.exar.com
áç
áç
áç
áç
XRT7250
DS3/E3 FRAMER IC
MARCH 2001
REV. 1.1.1
GENERAL DESCRIPTION
The XRT7250 DS3/E3 Framer IC is designed to ac-
cept “User Data” from the Terminal Equipment and in-
sert this data into the “payload” bit-fields within an
“outbound” DS3/E3 Data Stream. Further, the Framer
IC is also designed to receive an “inbound” DS3/E3
Data Stream (from the Remote Terminal Equipment)
and extract out the “User Data”.
The XRT7250 DS3/E3 Framer is designed to support
full-duplex data flow between Terminal Equipment
and an LIU (Line Interface Unit) IC. The Framer De-
vice will transmit, receive and process data in the
DS3-C-bit Parity, DS3-M13, E3-ITU-T G.751 and E3-
ITU-T G.832 Framing Formats.
The XRT7250 DS3/E3 Framer IC consists of four sec-
tions.
The Transmit Section, includes a Transmit Payload
Data Input Interface, a Transmit Overhead data Input
Interface Section, a Transmit HDLC Controller, a
Transmit E3/DS3 Framer block and a Transmit LIU In-
terface Block which permits the Terminal Equipment
to transmit data to a remote terminal.
The Receive Section, consists of a Receive LIU Inter-
face, a Receive E3/DS3 Framer, a Receive HDLC
Controller, a Receive Payload Data Output Interface,
and a Receive Overhead Data Interface which allows
the local terminal equipment to receive data from re-
mote terminal equipment.
The Microprocessor Interface is used to configure the
Framer IC in different operating modes and monitor
the performance of the Framer.
The Performance Monitor Section consists of a large
number of "Reset-upon-Read" and "Read-Only" reg-
isters that contain cumulative and "one-second" sta-
tistics that reflect the performance/health of the Fram-
er IC/system.
FEATURES
• Transmits, Receives and Processes data in the
DS3-C-bit Parity, DS3-M13, E3-ITU-T G.751 and
E3-ITU-T G.832 Framing Formats.
• Interfaces to all Popular Microprocessors
• Integrated Framer Performance Monitor
• Available in a 100 Pin PQFP package
• Operating Temperature -40°C to +85°C
APPLICATIONS
• Interface to DS3 or E3 Networks
• CSU/DSU Equipment.
• PCM Test Equipment
• Fiber Optic Terminals
BLOCK DIAGRAM OF XRT7250
Receive LIU
Interface
Block
Receive DS3/E3
Framer Block
Receive Payload
Data Output
Interface Block
Microprocessor
Interface
MOTO
D[7:0]
A[8:0]
Int
CS
Rd_DS
Wr_RW
Rdy_Dtck
Reset
ALE_AS
RxSer
RxNib[3:0]
RxOutClk
RxPOS
RxNEG
RxLineClk
Tx LAPD Buffer/
Controller
Rx LAPD Buffer/
Controller
Receive Overhead
Output
Interface Block
RxNibClk
RxFrame
Transmit
Payload Data
Input
Interface Block
Transmit DS3/E3
Framer Block
Transmit LIU
Interface
Block
TxSer
TxNib[3:0]
TxInClk
TxPOS
TxNEG
TxLineClk
Transmit Overhead
Input
Interface Block
TxOHClk
TxOHIns
TxOHInd
TxOH
TxOHEnable
TxOHFrame
TxNibClk
TxFrame
RxOHFrame
RxOH
RxOHClk
RxOHEnable


Similar Part No. - XRT7250

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT7288 EXAR-XRT7288 Datasheet
1Mb / 24P
CEPT1 Line Interface
XRT7288IP EXAR-XRT7288IP Datasheet
1Mb / 24P
CEPT1 Line Interface
XRT7288IW EXAR-XRT7288IW Datasheet
1Mb / 24P
CEPT1 Line Interface
logo
Pulse A Technitrol Comp...
XRT7295 PULSE-XRT7295 Datasheet
131Kb / 2P
T3/DS3/E3/STS-1 TRANSFORMERS Extended Temperature Range
XRT7295 PULSE-XRT7295 Datasheet
131Kb / 2P
T3/DS3/E3/STS-1 TRANSFORMERS
More results

Similar Description - XRT7250

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT72L52 EXAR-XRT72L52 Datasheet
2Mb / 480P
TWO CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
XRT72L50 EXAR-XRT72L50 Datasheet
2Mb / 471P
SINGLE CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
XR72L52 EXAR-XR72L52 Datasheet
6Mb / 480P
TWO CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
XRT72L53 EXAR-XRT72L53 Datasheet
5Mb / 467P
THREE CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
XRT72L54 EXAR-XRT72L54 Datasheet
5Mb / 484P
FOUR CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
XRT72L56 EXAR-XRT72L56 Datasheet
5Mb / 486P
SIX CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
XRT72L58 EXAR-XRT72L58 Datasheet
5Mb / 486P
EIGHT CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
XRT79L71 EXAR-XRT79L71_1 Datasheet
5Mb / 434P
1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC -
logo
M/A-COM Technology Solu...
28330-PBD-001-A MA-COM-28330-PBD-001-A Datasheet
23Kb / 1P
Bt8330EPJC - DS3/E3 Framer Revision
28330-DSH-002-A MA-COM-28330-DSH-002-A_15 Datasheet
897Kb / 101P
DS3/E3 Framer with 52 Mbps HDLC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com