Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 81 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 81 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 77Page - Exar Corporation XRT7250 Datasheet HTML 78Page - Exar Corporation XRT7250 Datasheet HTML 79Page - Exar Corporation XRT7250 Datasheet HTML 80Page - Exar Corporation XRT7250 Datasheet HTML 81Page - Exar Corporation XRT7250 Datasheet HTML 82Page - Exar Corporation XRT7250 Datasheet HTML 83Page - Exar Corporation XRT7250 Datasheet HTML 84Page - Exar Corporation XRT7250 Datasheet HTML 85Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 463 page
background image
XRT7250
DS3/E3 FRAMER IC
áç
áç
áç
áç
REV. 1.1.1
62
Bit 3 - FERF Interrupt Enable
This Read/Write bit-field is used to enable or disable
the Change in FERF (Far End Receive Failure) Sta-
tus interrupt. Setting this bit-field to "1" enables this
interrupt. Setting this bit-field to "0" disables this in-
terrupt.
NOTE: For more information on Far-End Receive Failures
(or Yellow Alarms) please see Section 3.3.2.5.4.
Bit 2 - AIC Interrupt Enable
This Read/Write bit field allows the user to enable or
disable the Change in AIC value interrupt. Setting
this bit-field to "1" enables this interrupt. Setting this
bit-field to "0" disables this interrupt.
NOTE: For more information on this interrupt condition,
please see Section 3.3.2.5.6.
Bit 1 - OOF Interrupt Enable
This Read/Write bit field is used to enable or disable
the Change in Out-of-Frame (OOF) status interrupt.
Setting this bit-field to "1" enables this interrupt. Set-
ting this bit-field to "0" disables this interrupt.
NOTE: For more information on the OOF' Condition, please
see Section 3.3.2.2.
Bit 0 - P-Bit Error Interrupt Enable
This Read/Write bit-field is used to enable or disable
the P-Bit Error Detection interrupt. Setting this bit-
field to "1" enables this interrupt. Setting this bit-field
to "0" disables this interrupt.
NOTE: For more information on the P-Bit Error Checking/
Detection, please see Section 3.3.2.6.1.
2.3.2.10 Receive DS3 Interrupt Status Register
Bit 7 - CP Bit Error Interrupt Status
This Reset-upon-Read bit-field indicates whether or
not the CP Bit Error Interrupt has occurred since the
last read of this register. This bit-field will be “0” if the
Detection of CP-Bit Error Interrupt has not occurred
since the last read of this register. Conversely, this
bit-field will be set to “1” if this interrupt has occurred
since the last read of this register. The Detection of
CP Bit Error Interrupt will occur if the Receive DS3
Framer block detects a “CP” bit-error in the incoming
DS3 frame.
Bit 6 - LOS Interrupt Status
This Reset Upon Read bit will be set to "1", if the Re-
ceive DS3 Framer has detected a
Change in the LOS Status condition, since the last
time this register was read. This bit-field will be as-
serted under either of the following two conditions:
1. When the Receive DS3 Framer detects the
occurrence of an LOS Condition (e.g., the occur-
rence of 180 consecutive spaces in the incoming
DS3 data stream), and
2. When the Receive DS3 Framer detects the end
of an LOS Condition (e.g., when the Receive DS3
Framer detects 60 mark pulses in the last 180 bit
periods).
The local µP can determine the current state of the
LOS condition by reading bit 6 of the Rx DS3 Config-
uration and Status Register (Address = 0x10).
NOTE: For more information in the LOS of Signal (LOS)
Alarm, please see Section 3.3.2.5.1.
Bit 5 - AIS Interrupt Status
This Reset Upon Read bit field will be set to "1", if the
Receive DS3 Framer has detected a Change in the
AIS condition, since the last time this register was
read. This bit-field will be asserted under either of the
following two conditions:
1. When the Receive DS3 Framer first detects an
AIS Condition in the incoming DS3 data stream,
and
2. When the Receive DS3 Framer has detected the
end of an AIS Condition.
The local µP can determine the current state of the
AIS condition by reading bit 7 of the Rx DS3 Configu-
ration and Status Register (Address = 0x10).
NOTE: For more information on the AIS Condition please
see Sections 3.3.2.5.2.
Bit 4 - Idle Interrupt Status
This Reset Upon Read bit-field is set to "1" when the
Receive DS3 Framer detects a Change in the Idle
Condition in the incoming DS3 data stream. Specifi-
RXDS3 INTERRUPT STATUS REGISTER (ADDRESS = 0X13)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
CP-Bit Error
Interrupt
Status
LOS
Interrupt
Status
AIS
Interrupt
Status
Idle Interrupt
Status
FERF
Interrupt
Status
AIC
Interrupt
Status
OOF
Interrupt
Status
P-Bit Error
Interrupt
Status
RURRUR
RUR
RUR
RURRUR
RURRUR
00
000
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com