Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 97 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 97 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 93Page - Exar Corporation XRT7250 Datasheet HTML 94Page - Exar Corporation XRT7250 Datasheet HTML 95Page - Exar Corporation XRT7250 Datasheet HTML 96Page - Exar Corporation XRT7250 Datasheet HTML 97Page - Exar Corporation XRT7250 Datasheet HTML 98Page - Exar Corporation XRT7250 Datasheet HTML 99Page - Exar Corporation XRT7250 Datasheet HTML 100Page - Exar Corporation XRT7250 Datasheet HTML 101Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 463 page
background image
XRT7250
DS3/E3 FRAMER IC
áç
áç
áç
áç
REV. 1.1.1
78
This Read-Only register contains the fifteenth (15th)
byte within the 16 byte Trail Trace Buffer Message,
that has been received from the Far-End Terminal.
This register typical contains an ASCII character that
is required for the E.164 numbering format.
NOTE: For more information on the use of this register,
please see Section 5.3.2.9.
2.3.3.26 Receive E3 TTB-15 Register (E3, ITU-T
G.832)
This Read-Only register contains the sixteenth (16th)
byte within the 16 byte Trail Trace Buffer Message,
that has been received from the Far-End Terminal.
This register typical contains an ASCII character that
is required for the E.164 numbering format.
NOTE: For more information on the use of this register,
please see Section 5.3.2.9.
2.3.4
Receive E3 Framer Configuration Regis-
ters (ITU-T G.751)
2.3.4.1
Receive E3 Framer Configuration &
Status Register - 1 (E3, ITU-T G.751)
Bit 4 - RxFERF Algo(rithm) Select
This Read/Write bit-field permits the user to select
the Received FERF Declaration Algorithm.
Setting this bit-field to "0", configures the Receive
Section of the XRT7250 to declare a FERF (Far-End-
Receive Failure), after three (3) consecutive E3
frames, with the A-bit set to "1", have been received.
Further, the Receive Section of the XRT7250 will
clear FERF, after three (3) consecutive E3 frames,
with the A-bit set to "0", have been received.
Setting this bit-field to "1", configures the Receive
Section of the XRT7250 to declare a FERF, after five
(5) consecutive E3 frames, with the A-bit set to "1",
have been received. Further, the Receive Section of
the XRT7250 will clear FERF after five (5) consecu-
tive E3 frames, with the A-bit set to "0", have been re-
ceived.
Bit 0 - RxBIP4 Enable
This Read/Write bit-field permits the user to configure
the Receive Section of the XRT7250 to verify (or not
verify) the BIP-4 value within each incoming E3
frame.
Setting this bit-field to "0", configures the Receive
Section of the XRT7250 to NOT verify the BIP-4 value
within each incoming E3 frame.
Setting this bit-field to "1", configures the Receive
Section of the XRT7250 to verify the BIP-4 value with-
in each incoming E3 frame.
2.3.4.2
Receive E3 Framer Configuration &
Status Register -2 (E3, ITU-T G.751)
RXE3 TTB-15 REGISTER (ADDRESS = 0X2B)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
RxTTB-15
RO
RO
RO
RO
RO
RO
RO
RO
00
000
000
RXE3 CONFIGURATION & STATUS REGISTER - 1 G.751 (ADDRESS = 0X10)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Reserved
RxFERF
Algo
Reserved
RxBIP4
RO
RO
RO
R/W
RO
RO
RO
R/W
00
000
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com