Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 75 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 75 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 71Page - Exar Corporation XRT7250 Datasheet HTML 72Page - Exar Corporation XRT7250 Datasheet HTML 73Page - Exar Corporation XRT7250 Datasheet HTML 74Page - Exar Corporation XRT7250 Datasheet HTML 75Page - Exar Corporation XRT7250 Datasheet HTML 76Page - Exar Corporation XRT7250 Datasheet HTML 77Page - Exar Corporation XRT7250 Datasheet HTML 78Page - Exar Corporation XRT7250 Datasheet HTML 79Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 463 page
background image
XRT7250
DS3/E3 FRAMER IC
áç
áç
áç
áç
REV. 1.1.1
56
This Read/Write bit-field permits the user to com-
mand the Framer chip to operate in the Local Loop-
back Mode.
Setting this bit-field to "0", configures the Framer chip
to operate in the Normal Mode. Setting this bit-field
to "1", configures the Framer chip to operate in the
Local-Loopback Mode.
NOTE: For a detailed description of the Local Loopback
Mode, please see Section 6.0
Bit 6 - DS3/E3* Select
This Read/Write bit-field permits the user to com-
mand the Framer chip to operate in either the DS3
Mode or the E3 Mode.
Setting this bit-field to "0", configures the Framer chip
to operate in the E3 Mode. Setting this bit-field to "1",
configures the Framer chip to operate in the DS3
Mode.
Bit 5 - Internal LOS Enable Select
This Read/Write bit-field permits the user to configure
the Framer chip to either declare an LOS condition,
based upon the Internal Circuit's criteria or not.
Setting this bit-field to "0", configures the Framer chip
to NOT declare an LOS condition, based upon its
own internal criteria.
Setting this bit-field to "1", configures the Framer chip
to declare an LOS condition based upon its own inter-
nal criteria.
NOTES:
1. The XRT7250 Framer Chip will declare an LOS
condition, anytime the RLOS input pin (pin 78) is
set "High", independent of the setting of this bit-
field.
2. For more information on the XRT7250 Framer
device's internal criteria for Loss of Signal please
see Section 3.3.2.5.
Bit 4 - RESET:
This Read/Write bit-field permits the user to com-
mand the XRT7250 Framer chip into the Reset state.
If the XRT7250 Framer chip is commanded into the
Reset state, all of its internal register bits will auto-
matically be set to their default condition.
Setting this bit-field to "0" configures the XRT7250
Framer chip to operate normally. Setting this bit-field
to "1" configures the XRT7250 Framer chip to go into
the Reset Mode.
Bit 3 - Interrupt Enable Reset
This Read/Write bit-field permits the user to configure
the XRT7250 Framer chip to automatically disable all
Interrupts that are activated.
Setting this bit-field to "0" configures the XRT7250
Framer chip to NOT disable the Interrupt Enable Sta-
tus, of any interrupts, following their activation.
Setting this bit to "1" configures the XRT7250 Framer
chip to automatically disable any interrupt that is acti-
vated.
NOTE: For more information on this feature, please see
Section 1.6.1.
Bit 2 - Frame Format Select
This Read/Write bit-field, along with the DS3/E3 se-
lect bit-field (bit 6 in this register) permits the user to
select the Framing Format that the XRT7250 will op-
erate in. The following table relates the states of this
bit-field (bit 2) and that of bit 6 to the selected framing
format for this chip.
Bits 1 & 0 - TimRefSel[1:0] - Timing Reference Se-
lect
These two Read/Write bit-fields permits the user to
select both a Framing Reference and Timing Refer-
ence for the Transmit Section of the XRT7250. The
following table relates the states of these two bit-
fields to the selected Framing and Timing references.
NOTE: For more information on Framing and Timing Refer-
ences, please see Section 3.2.
BIT 6 - DS3/E3*
SELECT
BIT 2 - FRAME
FORMAT SELECT
SELECTED FRAMING
FORMAT
0
0
E3, ITU-T G.751
0
1
E3, ITU-T G.832
1
0
DS3, C-bit Parity
11
DS3, M13
TIMREFSEL[1:0]
FRAMING
REFERENCE
TIMING REFERENCE
00
Asynchronous
RxLineClk Input
Signal
01
TxFrameRef
TxInClk Input sig-
nal
10
Asynchronous
TxInClk Input sig-
nal
11
Asynchronous
TxInClk Input sig-
nal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com