Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 40 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 40 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 36Page - Exar Corporation XRT7250 Datasheet HTML 37Page - Exar Corporation XRT7250 Datasheet HTML 38Page - Exar Corporation XRT7250 Datasheet HTML 39Page - Exar Corporation XRT7250 Datasheet HTML 40Page - Exar Corporation XRT7250 Datasheet HTML 41Page - Exar Corporation XRT7250 Datasheet HTML 42Page - Exar Corporation XRT7250 Datasheet HTML 43Page - Exar Corporation XRT7250 Datasheet HTML 44Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 463 page
background image
áç
áç
áç
áç
DS3/E3 FRAMER IC
XRT7250
REV. 1.1.1
21
t27
TxInClk clock (falling) edge to “TxOHIns” hold-time
100
50
12
ns
ns
ns
DS3 Applications
E3, ITU-T G.832
Applications
E3, ITU-T G.751
Applications
t28
“TXOHIns” to “TxInClk” (falling edge) set-up Time
920
140
20
ns
ns
ns
DS3 Applications
E3, ITU-T G.832
Applications
E3, ITU-T G.751
Applications
t29
TxInClk clock (falling) edge to “TxOHIns” hold-time
100
50
12
ns
ns
ns
DS3 Applications
E3, ITU-T G.832
Applications
E3, ITU-T G.751
Applications
t29A
“TxOHEnable” to “TxOHIns/TxOH” Delay
1ns
Transmit LIU Interface Timing (see Figure 7 and Figure 8)
t30
Rising edge of "TxLineClk" to rising edge of
"TxPOS" or "TxNEG" output signal.
(Framer is configured to output data on "TxPOS"
and "TxNEG" on rising edge of "TxLineClk"
12.0
ns
t31
Falling edge of "TxLineClk" to rising edge of
"TxPOS" or "TxNEG"
(Framer is configured to output data via "TxPOS"
and "TxNEG" on falling edge of "TxLineClk")
14
ns
fTxLineClk Period of TxLineClk clock signal
44.736
MHz
DS3 Applications
fTxLineClk Period of TxLineClk clock signal
34.368
Mhz
E3 Applications
t32
Period of TxLineClk
22.36
ns
DS3 Applications
t32
Period of TxLineClk
29.10
ns
E3 Applications
Receive LIU Interface Timing (see Figure 9 and Figure 10)
t38
"RxPOS" or "RxNEG" set-up time to rising edge of
"RxLineClk".
(Framer is configured to sample data on "RxPOS"
and "RxNEG" input pins, on the rising edge of "RxLi-
neClk")
3ns
t39
"RxPOS" or "RxNEG" hold time, from rising edge of
"RxLineClk"
(Framer is configured to sample data on "RxPOS"
and "RxNEG" input pins, on the rising edge of "RxLi-
neClk")
5ns
AC ELECTRICAL CHARACTERISTICS (CONT.)
Test Conditions: TA = 25(C, VCC = 5.0V + 5% unless otherwise specified
SYMBOL
PARAMETER
MIN.TYP.MAX.UNITS
CONDITIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com