Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 60 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 60 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 56Page - Exar Corporation XRT7250 Datasheet HTML 57Page - Exar Corporation XRT7250 Datasheet HTML 58Page - Exar Corporation XRT7250 Datasheet HTML 59Page - Exar Corporation XRT7250 Datasheet HTML 60Page - Exar Corporation XRT7250 Datasheet HTML 61Page - Exar Corporation XRT7250 Datasheet HTML 62Page - Exar Corporation XRT7250 Datasheet HTML 63Page - Exar Corporation XRT7250 Datasheet HTML 64Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 463 page
background image
áç
áç
áç
áç
DS3/E3 FRAMER IC
XRT7250
REV. 1.1.1
41
Strobe) input pin "High". This action accom-
plishes two things:
a. It latches the contents of the bi-directional data
bus into the XRT7250 DS3/E3 Framer Micropro-
cessor Interface block.
b. It terminates the write cycle.
Figure 26 presents a timing diagram which illustrates
the behavior of the Microprocessor Interface signals,
during an Intel-type Programmed I/O Write Opera-
tion.
2.2.2.1.2
Programmed I/O Access in the Motor-
ola Mode
If the XRT7250 DS3/E3 Framer is interfaced to a Mo-
torola-type µC/µP (e.g., the MC680X0 family, etc.), it
should be configured to operate in the Motorola mode
(by tying the MOTO pin to Vcc). Motorola-type Pro-
grammed I/O Read and Write operations are de-
scribed below.
2.2.2.1.2.1
The Motorola Mode Read Cycle
Whenever a Motorola-type µC/µP wishes to read the
contents of a register or some location within the Re-
ceive LAPD Message or Receive OAM Cell Buffer,
(within the Framer device) it should do the following.
1. Assert the ALE_AS (Address-Strobe) input pin by
toggling it low. This step enables the Address
Bus input drivers, within the Microprocessor Inter-
face Block of the Framer IC.
2. Place the address of the target register (or buffer
location) within the Framer, on the Address Bus
input pins, A[8:0].
3. At the same time, the Address Decoding circuitry
(within the user's system) should assert the CS
(Chip Select) input pin of the Framer device, by
toggling it "Low". This action enables further
communication between the µC/µP and the
Framer Microprocessor Interface block.
4. After allowing the data on the Address Bus pins
to settle (by waiting the appropriate Address
Setup time), the µC/µP should toggle the
ALE_AS input pin "High". This step causes the
Framer device to latch the contents of the
Address Bus into its internal circuitry. At this
point, the address of the register or buffer loca-
tion (within the Framer) has now been selected.
5. Further, the µC/µP should indicate that this cycle
is a Read cycle by setting the WR_RW (R/W*)
input pin "High".
6. Next the µC/µP should initiate the current bus
cycle by toggling the RD_DS (Data Strobe) input
pin "Low". This step enables the bi-directional
data bus output drivers, within the XRT7250 DS3/
E3 Framer device. At this point, the bi-directional
data bus output drivers will proceed to driver the
contents of the Address register onto the bi-direc-
tional data bus, D[7:0].
7. After some settling time, the data on the bi-direc-
tional data bus will stabilize and can be read by
the µC/µP. The XRT7250 DS3/E3 Framer will
indicate that this data can be read by asserting
the RDY_DTCK (DTACK) signal.
8. After the µC/µP detects the RDY_DTCK signal
(from the XRT7250 DS3/E3 Framer) it will termi-
nate the Read Cycle by toggling the RD_DS
(Data Strobe) input pin "High".
Figure 27 presents a timing diagram which illustrates
the behavior of the Microprocessor Interface signals
during a Motorola-type Programmed I/O Read Opera-
tion.
FIGURE 26. BEHAVIOR OF THE MICROPROCESSOR INTERFACE SIGNALS, DURING AN INTEL-TYPE PROGRAMMED I/O
WRITE OPERATION
ALE_AS
A[8:0]
CS
D[7:0]
RD_DS
WR_RW
RDY_DTCK
Address of Target Register
Data to be written



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com