Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 61 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 61 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 57Page - Exar Corporation XRT7250 Datasheet HTML 58Page - Exar Corporation XRT7250 Datasheet HTML 59Page - Exar Corporation XRT7250 Datasheet HTML 60Page - Exar Corporation XRT7250 Datasheet HTML 61Page - Exar Corporation XRT7250 Datasheet HTML 62Page - Exar Corporation XRT7250 Datasheet HTML 63Page - Exar Corporation XRT7250 Datasheet HTML 64Page - Exar Corporation XRT7250 Datasheet HTML 65Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 463 page
background image
XRT7250
DS3/E3 FRAMER IC
áç
áç
áç
áç
REV. 1.1.1
42
2.2.2.1.2.2
The Motorola Mode Write Cycle
Whenever a Motorola-type µC/µP wishes to write a
byte or word of data into a register or buffer location,
within the Framer, it should do the following.
1. Assert the ALE_AS (Address Select) input pin by
toggling it "Low". This step enables the Address
Bus input drivers (within the Framer chip).
2. Place the address of the target register or buffer
location (within the Framer), on the Address Bus
input pins, A[8:0].
3. While the µC/µP is placing this address value
onto the Address Bus, the Address-Decoding cir-
cuitry (within the user's system) should assert the
CS (Chip Select) input pins of the Framer by tog-
gling it "Low". This step enables further commu-
nication between the µC/µP and the Framer
Microprocessor Interface block.
4. After allowing the data on the Address Bus pins
to settle (by waiting the appropriate Address
Setup time), the µC/µP should toggle the
ALE_AS input pin "High". This step causes the
Framer device to latch the contents of the
Address Bus into its own circuitry. At this point,
the Address of the register or buffer location
(within the Framer), has now been selected.
5. Further, the µC/µP should indicate that this cur-
rent bus cycle is a Write operation by toggling the
WR_RW (R/W*) input pin "Low".
6. The µC/µP should then place the byte or word
that it intends to write into the target register, on
the bi-directional data bus, D[7:0].
7. Next, the µC/µP should initiate the bus cycle by
toggling the RD_DS (Data Strobe) input pin
"Low". When the XRT7250 DS3/E3 Framer
senses that the WR_RW (R/W*) input pin is
"High" and that the RD_DS (Data Strobe) input
pin has toggled "Low", it will enable the input driv-
ers of the bi-directional data bus, D[7:0].
8. After waiting the appropriate time, for this newly
placed data to settle on the bi-directional data
bus (e.g., the Data Setup time) the Framer will
assert the RDY_DTCK output signal.
9. After the µC/µP detects the RDY_DTCK signal
(from the Framer), the µC/µP should toggle the
RD_DS input pin "High". This action accom-
plishes two things.
a. It latches the contents of the bi-directional data
bus into the XRT7250 DS3/E3 Microprocessor
Interface block.
b. It terminates the Write cycle.
Figure 28 presents a timing diagram which illustrates
the behavior of the Microprocessor Interface signals,
during a Motorola-type Programmed I/O Write Opera-
tion.
FIGURE 27. ILLUSTRATION OF THE BEHAVIOR OF MICROPROCESSOR INTERFACE SIGNALS, DURING A MOTOROLA-
TYPE
PROGRAMMED I/O READ OPERATION
ALE_AS
RD_DS
A[8:0]
CS
D[15:0]
RDY_DTCK
Not Valid
Valid Data
Address of Target Register
WR_RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com