Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 76 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 76 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 72Page - Exar Corporation XRT7250 Datasheet HTML 73Page - Exar Corporation XRT7250 Datasheet HTML 74Page - Exar Corporation XRT7250 Datasheet HTML 75Page - Exar Corporation XRT7250 Datasheet HTML 76Page - Exar Corporation XRT7250 Datasheet HTML 77Page - Exar Corporation XRT7250 Datasheet HTML 78Page - Exar Corporation XRT7250 Datasheet HTML 79Page - Exar Corporation XRT7250 Datasheet HTML 80Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 463 page
background image
áç
áç
áç
áç
DS3/E3 FRAMER IC
XRT7250
REV. 1.1.1
57
2.3.2.2
I/O Control Register
Bit 7 - DisableTxLOC
This Read/Write bit-field permits the user to enable or
disable the Transmit Loss of Clock feature.
Setting this bit-field to "0" enables the Transmit Loss
of Clock feature. Conversely, setting this bit-field to
"1" disables the Transmit Loss of Clock feature.
NOTE: For more details into the Transmit Loss of Clock fea-
ture, please see Section 1.4.
Bit 6 - LOC (Loss of Clock) Status
This Read-Only bit-field reflects the Loss of Clock
status for the XRT7250. The XRT7250 will set this
bit-field to "0" under normal operation conditions.
Conversely, if the XRT7250 has experiences a Loss
of Clock event, then it will set this bit-field to "1".
NOTE: For more details into the Loss of Clock status,
please see Section 1.4.
Bit 5 - DisableRxLOC
This Read/Write bit-field permits the user to enable or
disable the Receive Loss of Clock feature.
Setting this bit-field to "0" enables the Receive Loss
of Clock feature. Conversely, setting this bit-field to
"1" disables the Receive Loss of Clock feature.
NOTE: For more details into the Receive Loss of Clock fea-
ture, please see Section 1.4.
Bit 4 - AMI/ZeroSup*
This Read/Write bit-field permits the user to configure
the XRT7250 to transmit and receive data via the AMI
(Alternate Mark Inversion) line code or via a Zero-
Suppression (e.g, B3ZS/HDB3) line code.
Setting this bit-field to "0" configures the XRT7250 to
transmit and receive data via a Zero-Suppression line
code.
Setting this bit-field to "1" configures the XRT7250 to
transmit and receive data via the Alternate Mark In-
version line code.
NOTES:
1. If the XRT7250 is configured to transmit and
receive data, using a Zero-Suppression code, while
operating in the DS3 Mode, then the chip will trans-
mit and receive data using the B3ZS Line Code.
2. If the XRT7250 is configured to transmit and
receive data, using a Zero-Suppression code, while
operating in the E3 Mode, then the chip will trans-
mit and receive data using the HDB3 Line Code.
3. This bit-field will be ignored if bit 3 (Unipolar/Bipo-
lar*) of this Register is set to "1" (for Unipolar
Mode).
Bit 3 - Unipolar/Bipolar*
This Read/Write bit-field permits the user to configure
the XRT7250 to transmit data to and receive data
from an LIU IC, in either the Single-Rail or Dual-Rail
format.
Setting this bit-field to "0" configures the XRT7250 to
operate in the Bipolar or Dual-Rail Format. In this
mode, the Transmit Section of the XRT7250 will out-
put data to the LIU via both the TxPOS and TxNEG
output pins. Additionally, the Receive Section of the
device will receive data from the LIU via both the Rx-
POS and RxNEG output pins.
Setting this bit-field to "1" configures the XRT7250 to
operate in the Unipolar or Single-Rail Format. In this
mode, the Transmit Section of the XRT7250 will out-
put data to the LIU, in a binary data stream manner
via the TxPOS output pin. Additionally, the Receive
Section of the device will receive data from the LIU, in
a binary data stream manner, via the RxPOS input
pin.
NOTE: For more information on the transmission and
reception of data in the Single-Rail or Dual-Rail format,
please see Section 3.2.5.
Bit 2 - TxLineClk Invert
This Read/Write bit-field permits the user to configure
the XRT7250 to output data, via the TxPOS and Tx-
NEG output pins, on the rising or falling edge of TxLi-
neClk.
Setting this bit-field to "0" configures the XRT7250 to
output data, via the TxPOS and TxNEG output pins,
on the rising edge of TxLineClk.
I/O CONTROL REGISTER (ADDRESS = 0X01)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Disable
TxLOC
LOC
Disable
RxLOC
AMI/
ZeroSup*
Unipolar/
Bipolar*
TxLine
Clk
Invert
RxLine
Clk
Invert
Reframe
R/W
RO
R/W
R/W
R/W
R/W
R/W
R/W
1
0100
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com