Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 85 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 85 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 81Page - Exar Corporation XRT7250 Datasheet HTML 82Page - Exar Corporation XRT7250 Datasheet HTML 83Page - Exar Corporation XRT7250 Datasheet HTML 84Page - Exar Corporation XRT7250 Datasheet HTML 85Page - Exar Corporation XRT7250 Datasheet HTML 86Page - Exar Corporation XRT7250 Datasheet HTML 87Page - Exar Corporation XRT7250 Datasheet HTML 88Page - Exar Corporation XRT7250 Datasheet HTML 89Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 463 page
background image
XRT7250
DS3/E3 FRAMER IC
áç
áç
áç
áç
REV. 1.1.1
66
tween these two bit-fields and the LAPD Message
Type follows:
Bit 3 - RxCR (Command/Response) Type
This Read Only bit field indicates the value of the C/R
(Command/Response) bit-field of the latest received
LAPD Message.
Bit 2 - Rx FCS (Frame Check Sequence) Error
This Read-Only bit-field indicates whether or not the
LAPD Receiver has detected a Frame Check Se-
quence (FCS) error in the newly received LAPD Mes-
sage Frame. A "0" in this bit-field indicates that the
FCS for the latest received LAPD Message Frame is
correct. A "1" in this bit-field indicates that the FCS
for the latest received LAPD Message Frame is incor-
rect.
NOTE: For more information on the LAPD Receiver, please
see Section 3.3.3.2.
Bit 1 - End Of Message
This Read-Only bit-field indicates whether or not the
LAPD Receiver has completed its reception of the lat-
est incoming LAPD Message frame. The local µP
can poll the progress of the LAPD Receiver by peri-
odically reading this bit-field.
A "0" in this bit-field indicates that the LAPD Receiver
is still receiving the latest message from the far end
LAPD Transmitter. A "1" in this bit-field indicates that
the LAPD Receiver has finished receiving the com-
plete LAPD Message Frame.
Bit 0 - Flag Present
This Read-Only bit-field indicates whether or not the
LAPD Receiver has detected the occurrence of the
Flag Sequence byte (0x7E). A "0" in this bit-field indi-
cates that the LAPD Receiver does not detect the oc-
currence of the Flag Sequence byte. A "1" in this bit-
field indicates that the LAPD Receiver does detect
the occurrence of the Flag Sequence byte.
NOTE: For more information on the LAPD Receiver, please
see Section 3.3.3.2.
2.3.3
Receive E3 Framer Configuration Regis-
ters (ITU-T G.832)
2.3.3.1
Receive E3 Configuration & Status
Register 1 (E3, ITU-T G.832)
Bit 7 - 5 - RxPLDType[2:0] (Received Payload
Type[2:0])
These three Read-Only bit-fields contain the Payload
Type value within the MA byte of the most recently re-
ceived E3 frame.
NOTE: The Payload Type Mismatch interrupt will be gener-
ated if the contents of these bit-fields differ from that of the
Expected Payload Types in Bits 2 through 0 within this Reg-
ister.
Bit 4 - RxFERF Algo
This Read/Write bit-field allows the user to select one
of the two RxFERF Declaration Algorithms:
Writing a "0" to this bit-field selects the following
RxFERF Declaration algorithm:
• The Receive E3 Framer declares a Far End
Receive Failure (FERF) if the FERF bit-field, within
the MA byte is set to "1" for 3 consecutive incoming
E3 Frames. Likewise, the Receive E3 Framer will
negate the Far End Receive Failure condition if the
FERF bit-field, within the MA byte is set to "0" for 3
consecutive incoming E3 Frames.
Writing a "1" to this bit-field selects the following
RxFERF Declaration algorithm:
• The Receive E3 Framer declares a Far End
Receive Failure (FERF) if the FERF bit-field, within
the MA byte is set to "1" for 5 consecutive E3
Frames. Likewise, the Receive E3 Framer will
negate the Far End Receive Failure condition if the
FERF bit-field, within the MA byte is set to "0" for 5
consecutive incoming E3 Frames.
BIT 5BIT 4MESSAGE TYPE
MESSAGE LENGTH
Test Signal Identification
76 Bytes
0
1
Idle Signal Identification
76 Bytes
CL Path Identification
76 Bytes
ITU-T Path Identification
82 Bytes
RXE3 CONFIGURATION & STATUS REGISTER 1 (ADDRESS = 0X10)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
RxPLDType[2:0]
RxFERF
Algo
RxTMark
Algo
RxPLDExp[2:0]
RO
RO
RO
RO
RO
R/W
R/W
R/W
00
000
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com