Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 62 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 62 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 58Page - Exar Corporation XRT7250 Datasheet HTML 59Page - Exar Corporation XRT7250 Datasheet HTML 60Page - Exar Corporation XRT7250 Datasheet HTML 61Page - Exar Corporation XRT7250 Datasheet HTML 62Page - Exar Corporation XRT7250 Datasheet HTML 63Page - Exar Corporation XRT7250 Datasheet HTML 64Page - Exar Corporation XRT7250 Datasheet HTML 65Page - Exar Corporation XRT7250 Datasheet HTML 66Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 463 page
background image
áç
áç
áç
áç
DS3/E3 FRAMER IC
XRT7250
REV. 1.1.1
43
2.2.2.2
Data Access using Burst Mode I/O
Burst Mode I/O access is a much faster way to trans-
fer data between the µC/µP and the Microprocessor
Interface (of the XRT7250 DS3/E3 Framer), than Pro-
grammed I/O. The reason why Burst Mode I/O is
faster is explained below.
Data is placed upon the Address Bus input pins
A[8:0] only for the very first access, within a given
burst access. The remaining read or write operations
(within this burst access) do not require the place-
ment of the Address Data on the Address Data Bus.
As a consequence, the user does not have to wait
through the Address Setup and Hold times for each of
these Read/Write operation, within the Burst Access.
It is important to note that there are some limitations
associated with Burst Mode I/O Operations.
1. All cycles within the Burst Access, must be either
all Read or all Write cycles. No mixing of Read
and Write cycles is permitted.
2. A Burst Access can only be used when Read or
Write operations are to be employed over a con-
tiguous range of address locations, within the
Framer device.
3. The very first Read or Write cycle, within a burst
access, must start at the lowest address value, of
the range of addresses to be accessed. Subse-
quent operations will automatically be incre-
mented to the very next higher address value.
Examples of Burst Mode I/O operations are present-
ed below for read and write operations, with both In-
tel-type and Motorola-type µC/µP.
2.2.2.2.1
Burst I/O Access in the Intel Mode
If the XRT7250 DS3/E3 Framer is interfaced to an In-
tel-type µC/µP (e.g., the 80x86 family, etc.), then it
should be configured to operate in the Intel mode (by
tying the MOTO pin to ground). Intel-type Read and
Write Burst I/O Access operations are described be-
low.
2.2.2.2.1.1
The Intel-Mode Read Burst Access
Whenever an Intel-type µC/µP wishes to read the
contents of numerous registers or buffer locations
over a contiguous range of addresses, then it should
do the following.
a.
Perform the initial read operation of the burst
access.
b. Perform the remaining read operations of the
burst access.
c. Terminate the burst access operation.
Each of these operations within the burst access are
described below.
2.2.2.2.1.1.1
The Initial Read Operation
The initial read operation of an Intel-type read burst
access is accomplished by executing a Programmed
I/O Read Cycle as summarized below.
A.0
Execute a Single Ordinary (Programmed I/
O) Read Cycle, as described in steps A.1
through A.7 below.
A.1
Place the address of the initial-target register or
buffer location (within the Framer) on the
Address Bus input pins A[8:0].
A.2
While the µC/µP is placing this address value
onto the Address Bus, the Address Decoding
circuitry (within the user's system) should
assert the CS input pin of the Framer, by tog-
gling it "Low". This step enables further com-
FIGURE 28. ILLUSTRATION OF THE BEHAVIOR OF THE MICROPROCESSOR INTERFACE SIGNAL, DURING A MOTOROLA-
TYPE
PROGRAMMED I/O WRITE OPERATION
ALE_AS
A[8:0]
CS
D[15:0]
RD_DS
RDY_DTCK
Data to be Written
Address of Target Register
WR_RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com