Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 38 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 38 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 34Page - Exar Corporation XRT7250 Datasheet HTML 35Page - Exar Corporation XRT7250 Datasheet HTML 36Page - Exar Corporation XRT7250 Datasheet HTML 37Page - Exar Corporation XRT7250 Datasheet HTML 38Page - Exar Corporation XRT7250 Datasheet HTML 39Page - Exar Corporation XRT7250 Datasheet HTML 40Page - Exar Corporation XRT7250 Datasheet HTML 41Page - Exar Corporation XRT7250 Datasheet HTML 42Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 463 page
background image
áç
áç
áç
áç
DS3/E3 FRAMER IC
XRT7250
REV. 1.1.1
19
t8
"TxFrameRef" hold-time, from rising edge of "TxIn-
Clk"
6
ns
Frame IC is "Frame
Slave"
t9
"TxInClk" to "TxOHInd" output delay
711
ns
t10
"TxInClk" to "TxFrame" output delay
610
ns
Transmit Payload Data Input Interface - Looped-Timed/Nibble Mode (See Figure 3)
t13A
Max Delay of Rising Edge of TxNibClk to Data Valid
on TxNib[3:0]
DS3
E3
ns
ns
DS3 Applications
E3 Applications
Transmit Payload Data Input Interface - Looped-Timed/Nibble Mode (See Figure 3)
t13
TxNibClk to TxNibFrame output delay
20
25
25
31
ns
ns
DS3 Applications
E3 Applications
Transmit Payload Data Input Interface - Local-Timed/Nibble Mode (See Figure 4)
t14
Payload Nibble set-up time, to "latching edge" of
"TxInClk"
72
92
ns
ns
DS3 Applications
E3 Applications
t15
Payload Nibble hold time, from "latching edge" of
"TxInClk"
6ns
t16
TxFrameRef set-up time, to "latching edge" of "TxIn-
Clk"
72
92
ns
ns
DS3 Applications
E3 Applications
Framer IC is
"Frame Slave"
t17
TxFrameRef hold time, from "latching edge" of "TxIn-
Clk"
6
ns
Frame IC is "Frame
Slave"
t18
"TxNibClk" to "TxNibFrame" output delay time
20
25
33
ns
ns
DS3 Applications
E3 Applications
AC ELECTRICAL CHARACTERISTICS
Test Conditions: TA = 25(C, VCC = 5.0V + 5% unless otherwise specified
SYMBOL
PARAMETER
MIN.TYP.MAX.UNITS
CONDITIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com