Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 28 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 28 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 24Page - Exar Corporation XRT7250 Datasheet HTML 25Page - Exar Corporation XRT7250 Datasheet HTML 26Page - Exar Corporation XRT7250 Datasheet HTML 27Page - Exar Corporation XRT7250 Datasheet HTML 28Page - Exar Corporation XRT7250 Datasheet HTML 29Page - Exar Corporation XRT7250 Datasheet HTML 30Page - Exar Corporation XRT7250 Datasheet HTML 31Page - Exar Corporation XRT7250 Datasheet HTML 32Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 463 page
background image
áç
áç
áç
áç
DS3/E3 FRAMER IC
XRT7250
REV. 1.1.1
9
56
TxOHEnable
O
Transmit Overhead Input Enable.
The XRT7250 will assert this signal, for one “TxInClk” period, just prior to the
instant that the “Transmit Overhead Data Input Interface” will be sampling and
processing an overhead bit.
If the Terminal Equipment intends to insert its own value for an overhead bit,
into the outbound DS3 or E3 frame, it is expected to sample the state of this
signal, upon the falling edge of “TxInClk”. Upon sampling the “TxOHEnable”
high, the Terminal Equipment should (1) place the desired value of the over-
head bit, onto the “TxOH” input pin and (2) assert the “TxOHIns” input pin. The
Transmit Overhead Data Input Interface” block will sample and latch the data
on the “TxOH” signal, upon the rising edge of the very next “TxInClk” input sig-
nal.
57
TxOHFrame
O
Transmit Overhead Framing Pulse:
This output pin pulses "high" when the Transmit Overhead Data Input Interface
block is expecting the first Overhead bit, within a DS3 or E3 frame to be applied
to the TxOH input pin.
This pin is "high" for one clock period of TxOHClk.
58
TxNibFrame
O
Transmit Frame Boundary Indicator - Nibble/Parallel Interface
This output pin pulses "high" when the last nibble of a given DS3 or E3 frame is
expected at the TxNib[3:0] input pins.
The purpose of this output pin is to alert the Terminal Equipment that it needs
to begin transmission of a new DS3 or E3 frame to the XRT7250.
59
TxNibClk
O
Transmit Nibble Clock Signal
If the user opts to operate the XRT7250 in the “Nibble-Parallel” mode,
then the XRT7250 will derive this clock signal from either the “TxInClk”
or the “RxLineClk” signal (depending upon which signal is selected as
the timing reference).
The user is advised to configure the Terminal Equipment to output the
“outbound” payload data (to the XRT7250 Framer IC) onto the “Tx-
Nib[3:0]” input pins, upon the rising edge of this clock signal.
NOTES:
1. For DS3 applications, the XRT7250 Framer IC will output 1176 clock
edges (to the Terminal Equipment) for each “outbound” DS3 frame.
2. For E3, ITU-T G.832 applications, the XRT7250 Framer IC will output
1074 clock edges (to the Terminal Equipment) for each “outbound” E3
frame.
3. For E3, ITU-T G.751 applications, the XRT7250 Framer IC will output
384 clock edges (fo the Terminal Equipment) for each “outbound” E3
frame.
60
GND
****
Ground Pin
61
TxFrame
O
Transmit End of DS3 or E3 Frame Indicator:
The Transmit Section of the XRT7250 will pulse this output pin "high" (for one
bit-period), when the Transmit Payload Data Input Interface is processing the
last bit of a given DS3 or E3 frame.
The purpose of this output pin is to alert the Terminal Equipment that it needs
to begin transmission of a new DS3 or E3 frame to the XRT7250 (e.g., to per-
mit the XRT7250 to maintain Transmit DS3/E3 framing alignment control over
the Terminal Equipment).
62
VDD
****
Power Supply pin
PIN DESCRIPTION
PIN #NAME
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com