Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 41 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 41 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 37Page - Exar Corporation XRT7250 Datasheet HTML 38Page - Exar Corporation XRT7250 Datasheet HTML 39Page - Exar Corporation XRT7250 Datasheet HTML 40Page - Exar Corporation XRT7250 Datasheet HTML 41Page - Exar Corporation XRT7250 Datasheet HTML 42Page - Exar Corporation XRT7250 Datasheet HTML 43Page - Exar Corporation XRT7250 Datasheet HTML 44Page - Exar Corporation XRT7250 Datasheet HTML 45Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 463 page
background image
XRT7250
DS3/E3 FRAMER IC
áç
áç
áç
áç
REV. 1.1.1
22
t40
"RxPOS" or "RxNEG" set-up time to falling edge of
"RxLineClk".
(Framer is configured to sample data on "RxPOS"
and "RxNEG" input pins, on the falling edge of "RxLi-
neClk")
3ns
t41
"RxPOS" or "RxNEG" hold time, from falling edge of
"RxLineClk"
(Framer is configured to sample data on "RxPOS"
and "RxNEG" input pins, on the falling edge of "RxLi-
neClk")
5ns
Receive Payload Data Output Inteface Timing - Serial Mode Operation (See Figure 11)
t50
Rising edge of RxClk to "Payload Data" (RxSer) out-
put delay
10
13
11
14
12
15
ns
DS3 Applications
E3 Applications
t51
Rising edge of "RxClk" to "RxFrame" output delay
10
13
11
14
12
15
ns
DS3 Applications
E3 Applications
t52
Rising edge of "RxClk" to "RxOHInd" output delay.
10
13
11
14
12
15
ns
DS3 Applications
E3 Applications
Receive Payload Data Output Interface Timing - Nibble Mode Operation (see Figure 12)
t53
Falling edge of “RxClk” to rising edge of “RxFrame”
output delay
2ns
t54
Falling edge of “RxClk” to rising edge of “RxNib[3:0]”
output delay
1ns
Receive Overhead Data Output Interface Timing - Method 1 - Using RxOHEnable (see Figure 13)
t59A
Falling edge of “RxOHClk” to “RxFrame” output
20
25
25
28
ns
DS3 Applications
E3 Applications
t59B
Falling edge of “RxClk” to “RxOH” output delay
20
25
25
28
ns
DS3 Applications
E3 Applications
Receive Overheadf Data Output Interface Timing - Method 2 - Using RxOHEnable (see Figure 14)
t60
Rising edge of "RxOutClk" to rising edge of
"RxOHEnable" delay.
27
ns
t60A
Rising edge of "RxOHFrame" to rising edge of
"RxOHEnable" delay
910
220
25
930
240
32
ns
ns
ns
DS3 Applications
E3, ITU-T G.832
Applications
E3, ITU-T G.751
Applications
AC ELECTRICAL CHARACTERISTICS (CONT.)
Test Conditions: TA = 25(C, VCC = 5.0V + 5% unless otherwise specified
SYMBOL
PARAMETER
MIN.TYP.MAX.UNITS
CONDITIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com