Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 67 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 67 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 63Page - Exar Corporation XRT7250 Datasheet HTML 64Page - Exar Corporation XRT7250 Datasheet HTML 65Page - Exar Corporation XRT7250 Datasheet HTML 66Page - Exar Corporation XRT7250 Datasheet HTML 67Page - Exar Corporation XRT7250 Datasheet HTML 68Page - Exar Corporation XRT7250 Datasheet HTML 69Page - Exar Corporation XRT7250 Datasheet HTML 70Page - Exar Corporation XRT7250 Datasheet HTML 71Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 463 page
background image
XRT7250
DS3/E3 FRAMER IC
áç
áç
áç
áç
REV. 1.1.1
48
A.1
Assert the ALE_AS (AS*) input pin by toggling
it "Low". This step enables the Address Bus
input drivers (within the XRT7250 DS3/E3
Framer) within the Framer Microprocessor
Interface Block.
A.2
Place the address of the initial target register or
buffer location (within the Framer), on the
Address Bus input pins, A[8:0].
A.3
At the same time, the Address-Decoding cir-
cuitry (within the user's system) should assert
the CS (Chip Select) input pins of the Framer
by toggling it "Low". This action enables further
communication between the µC/µP and the
Framer Microprocessor Interface block.
A.4
After allowing the data on the Address Bus pins
to settle (by waiting the appropriate Address
Setup time), the µC/µP should toggle the
ALE_AS input pin "High". This step causes the
Framer device to latch the contents of the
Address Bus into its internal circuitry. At this
point, the initial address of the burst access has
now been selected.
A.5
Further, the µC/µP should indicate that this
cycle is a Read cycle by setting the WR_RW
(R/W*) input pin "High".
A.6
Next the µC/µP should initiate the current bus
cycle by toggling the RD_DS (Data Strobe)
input pin "Low". This step will enable the bi-
directional data bus output drivers, within the
XRT7250 DS3/E3 Framer device. At this point,
the bi-directional data bus output drivers will
proceed to driver the contents of the Address
register onto the bi-directional data bus.
A.7
After some settling time, the data on the bi-
directional data bus will stabilize and can be
read by the µC/µP. The XRT7250 DS3/E3
Framer will indicate that this data can be read
by asserting the RDY_DTCK (DTACK) signal.
A.8
After the µC/µP detects the RDY_DTCK signal
(from the XRT7250 DS3/E3 Framer) it will ter-
minate the Read Cycle by toggling the RD_DS
(Data Strobe) input pin "High".
Figure 33 presents an illustration of the behavior of
the Microprocessor Interface Signals during the initial
Read Operation, within a Burst I/O Cycle, for a Motor-
ola-type µC/µP.
At the completion of this initial read cycle, the µC/µP
has read in the contents of the first register or buffer
location (within the XRT7250 DS3/E3 Framer) for this
particular burst access operation. In order to illus-
trate how this burst I/O cycle works, the byte (or word)
of data, that is being read in Figure 33 has been la-
beled Valid Data at Offset = 0x00. This indicates that
the µC/µP is reading the very first register (or buffer
location) in this burst access.
2.2.2.2.2.1.2
The Subsequent Read Operations
The procedure that the µC/µP must use to perform
the remaining read cycles, within this Burst Access
operation, is presented below.
B.0
Execute each subsequent Read Cycle, as
described in steps B.1 through B.3, below.
B.1
Without toggling the ALE_AS input pin (e.g.,
keeping it "High"), toggle the RD_DS (Data
Strobe) input pin "Low". This step accom-
plishes the following.
FIGURE 33. BEHAVIOR OF THE MICROPROCESSOR INTERFACE SIGNALS, DURING THE INITIAL READ OPERATION OF A
BURST CYCLE (MOTOROLA TYPE PROCESSOR)
ALE_AS
RD_DS
A[8:0]
CS
D[15:0]
Rdy_Dtck
Not Valid
Valid Data at Offset = 0x00
Address of “Initial” Target Register (Offset = 0x00)
WR_RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com