Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 82 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 82 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 78Page - Exar Corporation XRT7250 Datasheet HTML 79Page - Exar Corporation XRT7250 Datasheet HTML 80Page - Exar Corporation XRT7250 Datasheet HTML 81Page - Exar Corporation XRT7250 Datasheet HTML 82Page - Exar Corporation XRT7250 Datasheet HTML 83Page - Exar Corporation XRT7250 Datasheet HTML 84Page - Exar Corporation XRT7250 Datasheet HTML 85Page - Exar Corporation XRT7250 Datasheet HTML 86Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 463 page
background image
áç
áç
áç
áç
DS3/E3 FRAMER IC
XRT7250
REV. 1.1.1
63
cally, the Receive DS3 Framer will assert this bit-field
under either of the following two conditions:
1. When the Receive DS3 Framer detects the onset
of the Idle Condition and
2. When the Receive DS3 Framer detects the end
of the Idle Condition.
The local µP can determine the current state of the
Idle condition by reading bit 5 of the Rx DS3 Configu-
ration and Status Register (Address = 0x10).
NOTE: For more information into the Idle Condition, please
see Section 3.3.2.5.3.
Bit 3 - FERF Interrupt Status
This Reset Upon Read bit will be set to '1' if the Re-
ceive DS3 Framer has detected a Change in the Rx
FERF Condition, since the last time this register was
read.
This bit-field will be asserted under either of the fol-
lowing two conditions.
1. When the Receive DS3 Framer first detects the
occurrence of an Rx FERF Condition (all X-bits
are set to '0').
2. When the Receive DS3 Framer detects the end
of the Rx FERF Condition (all X-bits are set to
'0').
The local microprocessor can determine the current
state of the FERF Condition by reading bit 4, within
the Rx DS3 Status Register (Address = 0x11).
NOTE: For more information on the Rx FERF (Yellow
Alarm) condition, please see Section 3.3.2.5.4.
Bit 2 - (Change in) AIC Interrupt Status
This Reset Upon Read bit-field is set to "1" if the AIC
bit-field, within the incoming DS3 frames, has
changed state since the last read of this register.
NOTE: For more information on this interrupt condition,
please see Section 3.3.2.5.6.
Bit 1 - OOF Interrupt Status
This Reset Upon Read bit-field is set to "1" if the Re-
ceive DS3 Framer has detected a Change in the Out-
of-Frame (OOF) Condition, since the last time this
register was read. Therefore, this bit-field will be as-
serted under either of the following two conditions:
1. When the Receive DS3 Framer has detected the
appropriate conditions to declare an OOF Condi-
tion.
2. When the Receive DS3 Framer has transitioned
from the OOF Condition (Frame Acquisition
Mode) into the In-Frame Condition (Frame Main-
tenance mode).
NOTE: For more information of the OOF Condition, please
see Section 3.3.2.2.
Bit 0 - P-Bit Error Interrupt Status
This Reset Upon Read bit-field indicates whether or
not the Detection of P-bit error interrupt has occurred
since the last read of this register. This bit-field will
be "0" if the Detection of P-bit error interrupt has NOT
occurred since the last read of this register. This bit-
field will be set to "1", if this interrupt has occurred
since the last read of this register. The Detection of
P-bit Error interrupt will occur if the Receive DS3
Framer Block detects a P-bit error in the incoming
DS3 frame.
NOTE: For more information into the role of P-bits please
see Section 3.3.2.6.1.
3.3.2.11 Receive DS3 Sync Detect Enable Register
RxDS3 Sync Detect Enable Register (Address =
0x14)
Bits 4 - 0 Enable5 F(4)- F(0)
These Read/Write bit-fields allows the user to enable
or disable the 5 parallel searches for valid M and F-
bit, while the Receive DS3 Framer is operating in the
Frame Acquisition mode. For proper operation, the
user is highly encouraged to ensure that all of these
bit-fields are set to "1".
RXDS3 SYNC DETECT ENABLE REGISTER (ADDRESS = 0X14)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Not Used
Enable F[4]
Enable F[3]
Enable F[2]
Enable F[1]
Enable F[0]
RO
RO
RO
R/W
R/W
R/W
R/W
R/W
0
0011
111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com