Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 92 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 92 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 88Page - Exar Corporation XRT7250 Datasheet HTML 89Page - Exar Corporation XRT7250 Datasheet HTML 90Page - Exar Corporation XRT7250 Datasheet HTML 91Page - Exar Corporation XRT7250 Datasheet HTML 92Page - Exar Corporation XRT7250 Datasheet HTML 93Page - Exar Corporation XRT7250 Datasheet HTML 94Page - Exar Corporation XRT7250 Datasheet HTML 95Page - Exar Corporation XRT7250 Datasheet HTML 96Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 463 page
background image
áç
áç
áç
áç
DS3/E3 FRAMER IC
XRT7250
REV. 1.1.1
73
NOTE: For a more detailed discussion on the LAPD
Receiver's handling of the FCS bytes, please see Section
5.3.3.
Bit 1 - EndOfMessage
The LAPD Receiver will assert this read-only bit-field,
when it has received a complete LAPD Message
frame. This bit-field, along with the Receipt of New
LAPD Message frame interrupt, serves to inform the
local µP that the Receive LAPD Message buffer con-
tains a new PMDL message that needs to be read
and processed.
This bit-field is cleared (to "0") upon reading this reg-
ister.
Bit 0 - Flag Present
The LAPD Receiver will assert this read-only bit-field
when it is currently detecting the Flag Sequence octet
(7Eh) in the incoming LAPD channel (e.g., either the
GC or the NR byte-field, within each E3 frame). The
LAPD Receiver will negate this bit-field when it is no
longer receiving the Flag Sequence octet in the in-
coming LAPD channel.
2.3.3.9
Receive E3 NR Byte Register (E3, ITU-T
G.832)
This Read-Only register contains the value of the NR
byte, within the most recently received E3 frame.
Please see Section 5.3.3 for a more detailed discus-
sion on this register.
2.3.3.10 Receive E3 GC Byte Register (E3, ITU-
T G.832)
This Read-Only register contains the value of the GC
byte, residing in the most recently received E3 frame.
Please see Section 5.3.3 for a more detailed discus-
sion on this register.
2.3.3.11 Receive E3 TTB-0 Register (E3, ITU-T
G.832)
This Read-Only register contains the frame start
marker byte of the 16 byte Trail Trace Buffer Message
that has been received from the Far-End Terminal, via
the TR byte-field within the incoming E3 frames. The
remaining bytes, of this Trail Trace Buffer Message
can be found in the RxTTB-1 through RxTTB-15 reg-
isters.
The data in this register is typically of the form [1, C6,
C5, C4, C3, C2, C1, C0]. The "1" in the MSB position
identifies this byte as being the frame start marker
RXE3 NR BYTE REGISTER (ADDRESS = 0X1A)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
RxNR[7:0]
RO
RO
RO
RO
RO
RO
RO
RO
0
0000
000
RXE3 GC BYTE REGISTER (ADDRESS = 0X1B)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
RxGC[7:0]
RO
RO
RO
RO
RO
RO
RO
RO
0
0000
000
RXE3 TTB-0 REGISTER (ADDRESS = 0X1C)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
RxTTB-0
RO
RO
RO
RO
RO
RO
RO
RO
0
0000
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com