Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 94 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 94 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 90Page - Exar Corporation XRT7250 Datasheet HTML 91Page - Exar Corporation XRT7250 Datasheet HTML 92Page - Exar Corporation XRT7250 Datasheet HTML 93Page - Exar Corporation XRT7250 Datasheet HTML 94Page - Exar Corporation XRT7250 Datasheet HTML 95Page - Exar Corporation XRT7250 Datasheet HTML 96Page - Exar Corporation XRT7250 Datasheet HTML 97Page - Exar Corporation XRT7250 Datasheet HTML 98Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 463 page
background image
áç
áç
áç
áç
DS3/E3 FRAMER IC
XRT7250
REV. 1.1.1
75
2.3.3.15 Receive E3 TTB-4 Register (E3, ITU-T
G.832)
This Read-Only register contains the fifth (5th) byte
within the 16 byte Trail Trace Buffer Message, that
has been received from the Far-End Terminal. This
register typical contains an ASCII character that is re-
quired for the E.164 numbering format.
NOTE: For more information on the use of this register,
please see Section 5.3.2.9.
2.3.3.16 Receive E3 TTB-5 Register (E3, ITU-T
G.832)
This Read-Only register contains the sixth (6th) byte
within the 16 byte Trail Trace Buffer Message, that
has been received from the Far-End Terminal. This
register typical contains an ASCII character that is re-
quired for the E.164 numbering format.
NOTE: For more information on the use of this register,
please see Section 5.3.2.9.
2.3.3.17 Receive E3 TTB-6 Register (E3, ITU-T
G.832)
This Read-Only register contains the seventh (7th)
byte within the 16 byte Trail Trace Buffer Message,
that has been received from the Far-End Terminal.
This register typical contains an ASCII character that
is required for the E.164 numbering format.
NOTE: For more information on the use of this register,
please see Section 5.3.2.9.
2.3.3.18 Receive E3 TTB-7 Register (E3, ITU-T
G.832)
RXE3 TTB-4 REGISTER (ADDRESS = 0X20)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
RxNR[7:0]
RO
RO
RO
RO
RO
RO
RO
RO
0
0000
000
RXE3 TTB-5 REGISTER (ADDRESS = 0X21)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
RxTTB-5
RO
RO
RO
RO
RO
RO
RO
RO
0
0000
000
RXE3 TTB-6 REGISTER (ADDRESS = 0X22)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
RxNR[7:0]
RO
RO
RO
RO
RO
RO
RO
RO
0
0000
000
RXE3 TTB-7 REGISTER (ADDRESS = 0X23)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
RxTTB-7
RO
RO
RO
RO
RO
RO
RO
RO
0
0000
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com