Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 69 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 69 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 65Page - Exar Corporation XRT7250 Datasheet HTML 66Page - Exar Corporation XRT7250 Datasheet HTML 67Page - Exar Corporation XRT7250 Datasheet HTML 68Page - Exar Corporation XRT7250 Datasheet HTML 69Page - Exar Corporation XRT7250 Datasheet HTML 70Page - Exar Corporation XRT7250 Datasheet HTML 71Page - Exar Corporation XRT7250 Datasheet HTML 72Page - Exar Corporation XRT7250 Datasheet HTML 73Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 463 page
background image
XRT7250
DS3/E3 FRAMER IC
áç
áç
áç
áç
REV. 1.1.1
50
tion between the µC/µP and the Framer Micro-
processor Interface block.
A.4
After allowing the data on the Address Bus pins
to settle (by waiting the appropriate Address
Setup time), the µC/µP should toggle the
ALE_AS input pin "High". This step causes the
Framer device to latch the contents of the
Address Bus into its own circuitry. At this point,
the initial address of the burst access has now
been selected.
A.5
Further, the µC/µP should indicate that this cur-
rent bus cycle is a Write operation by toggling
the WR_RW (R/W*) input pin "Low".
A.6
The µC/µP should then place the byte or word
that it intends to write into the target register, on
the bi-directional data bus, D[7:0].
A.7
Next, the µC/µP should initiate the bus cycle by
toggling the RD_DS (Data Strobe) input pin
"Low". When the XRT7250 DS3/E3 Framer
device senses that the WR_RW input pin is
"Low", and that the RD_DS input pin has tog-
gled "Low" it will enable the input drivers of the
bi-directional data bus, D[7:0].
A.8
After waiting the appropriate amount of time, for
this newly placed data to settle on the bi-direc-
tional data bus (e.g., the Data Setup time) the
Framer will assert the RDY_DTCK (DTACK)
output signal.
A.9
After the µP/µC detects the RDY_DTCK signal
(from the Framer) it should toggle the RD_DS
input pin "High". This action accomplishes two
things:
a. It latches the contents of the bi-directional data
bus into the XRT7250 DS3/E3 Framer Micropro-
cessor Interface block.
b. It terminates the Write cycle.
Figure 35 presents a timing diagram which illustrates
the behavior of the Microprocessor Interface signals,
during the Initial write operation within a Burst Ac-
cess, for a Motorola-type µC/µP.
At the completion of this initial write cycle, the µC/µP
has written a byte or word into the first register or
buffer location (within the XRT7250 DS3/E3 Framer)
for this particular burst I/O access. In order to illus-
trate how this burst I/O cycle works, the byte (or word)
of data, that is being written in Figure 35 has been la-
beled Data to be Written (Offset = 0x00).
2.2.2.2.2.2.2
The Subsequent Write Operations
The procedure that the µC/µP must use to perform
the remaining write cycles, within this burst access
operation, is presented below.
B.0
Execute each subsequent write cycle, as
described in Steps B.1 through B.3
B.1
Without toggling the ALE_AS (Address Strobe)
input pin (e.g., keeping it "High"), apply the
value of the next byte or word (to be written into
the Framer) to the bi-directional data bus pins,
D[7:0].
B.2
Toggle the RD_DS (Data Strobe) input pin
"Low". This step accomplishes the following.
a. The Framer internally increments the latched
address value (within the Microprocessor Inter-
face).
FIGURE 35. BEHAVIOR OF THE MICROPROCESSOR INTERFACE SIGNALS, DURING THE INITIAL WRITE OPERATION OF
A
BURST CYCLE (MOTOROLA-TYPE PROCESSOR)
ALE_AS
A[8:0]
CS
D[15:0]
RD_DS
RDY_DTCK
Data to be Written (Offset = 0x00)
Address of “Initial” Target Register (Offset = 0x00)
WR_RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com