Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 70 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 70 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 66Page - Exar Corporation XRT7250 Datasheet HTML 67Page - Exar Corporation XRT7250 Datasheet HTML 68Page - Exar Corporation XRT7250 Datasheet HTML 69Page - Exar Corporation XRT7250 Datasheet HTML 70Page - Exar Corporation XRT7250 Datasheet HTML 71Page - Exar Corporation XRT7250 Datasheet HTML 72Page - Exar Corporation XRT7250 Datasheet HTML 73Page - Exar Corporation XRT7250 Datasheet HTML 74Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 463 page
background image
áç
áç
áç
áç
DS3/E3 FRAMER IC
XRT7250
REV. 1.1.1
51
b. The input drivers of the bi-directional data bus are
enabled.
NOTE: In order to insure that the XRT7250 DS3/E3 Framer
device will interpret this signal as being a Write signal, the
µC/µP should keep the WR_RW input pin "Low".
B.3
After some settling time, the data, in the inter-
nal data bus, will stabilize and is ready to be
latched into the Framer Microprocessor Inter-
face block. The Microprocessor Interface block
will indicate that this data is ready to be latched
by asserting the RDY_DTCK (DTACK) output
signal. At this point, the µC/µP should latch the
data into the Framer by toggling the RD_DS
input pin "High".
For subsequent write operations, within this burst I/O
access, the µC/µP simply repeats steps B.1 through
B.3 as illustrated in Figure 36.
2.2.2.2.2.2.3
Terminating the Burst I/O Access
The Burst I/O Access will be terminated upon the fall-
ing edge of the ALE_AS input signal. At this point the
Framer will cease to internally increment the latched
address value. Further, the µC/µP is now free to exe-
cute either a Programmed I/O access or to start an-
other Burst I/O Access with the XRT7250 DS3/E3
Framer.
2.3
ON-CHIP REGISTER ORGANIZATION
The Microprocessor Interface section, within the
Framer device allows the user to do the following.
• Configure the Framer into a wide variety of operat-
ing modes.
• Employ various features of the Framer device.
• Perform status monitoring
• Enable/Disable and service Interrupt Conditions
All of these things are accomplished by reading from
and writing to the many on-chip registers within the
Framer device. Table 4 lists each of these registers
and their corresponding address locations within the
Framer Address space.
2.3.1
Framer Register Addressing
The array of on-chip registers consists of a variety of
register types. These registers are denoted in
Table 4, as follows.
R/O - Read Only Registers.
R/W - Read/Write Registers
RUR - Reset-upon-Read Registers
Additionally, some of these registers consists of both
R/O and R/W bit-fields. These registers are denoted
in Table 4 as Combination of R/W and R/O.
The bit-format and definitions for each of these regis-
ters are presented in Section 3.3.2
FIGURE 36. BEHAVIOR OF THE MICROPROCESSOR INTERFACE SIGNALS, DURING SUBSEQUENT WRITE OPERATIONS
WITH THE
BURST I/O CYCLE (MOTOROLA-TYPE µC/µP)
ALE_AS
RD_DS
A[8:0]
CS
D[15:0]
RDY_DTCK
Data Written at Offset =0x01
WR_RW
Data Written at Offset =0x02
Address of “Initial” Target Register (Offset = 0x00)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com