Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 84 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 84 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 80Page - Exar Corporation XRT7250 Datasheet HTML 81Page - Exar Corporation XRT7250 Datasheet HTML 82Page - Exar Corporation XRT7250 Datasheet HTML 83Page - Exar Corporation XRT7250 Datasheet HTML 84Page - Exar Corporation XRT7250 Datasheet HTML 85Page - Exar Corporation XRT7250 Datasheet HTML 86Page - Exar Corporation XRT7250 Datasheet HTML 87Page - Exar Corporation XRT7250 Datasheet HTML 88Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 463 page
background image
áç
áç
áç
áç
DS3/E3 FRAMER IC
XRT7250
REV. 1.1.1
65
2.3.2.13 Receive DS3 LAPD Control Register
Bit 2 RxLAPD Enable
This Read/Write bit-field allows the user to enable or
disable the LAPD Receiver. The LAPD Receiver
MUST be enabled before it can begin to receive and
process any LAPD Message frames from the incom-
ing DS3 data stream.
Writing a "0" to this bit-field disables the LAPD Re-
ceiver (the default condition). Writing a "1" to this bit-
field enables the LAPD Receiver.
Bit 1 RxLAPD (Message Frame Reception Com-
plete) Interrupt Enable
This Read/Write bit-field allows the user to enable or
disable the LAPD Message Frame Reception Com-
plete interrupt. If this interrupt is enabled, then the
UNI will generate this interrupt to the local µP, once
the last bit of a LAPD Message frame has been re-
ceived and the PMDL message has been extracted
and written into the Receive LAPD Message buffer.
Writing a "0" to this bit-field disables this interrupt (the
default condition). Writing a "1" to this bit-field en-
ables this interrupt.
Bit 0 RxLAPD (Message Reception Complete) In-
terrupt Status
This Read-Only bit field indicates whether or not the
LAPD Message Reception Complete interrupt has
occurred since the last read of this register. The
LAPD Message Reception Complete interrupt will oc-
cur once the LAPD Receiver has received the last bit
of a complete LAPD Message frame, extracted the
PMDL message from this LAPD Message frame and
has written this (PMDL) message frame into the Re-
ceive LAPD Message buffer. The purpose of this in-
terrupt is to notify the local µP that the Receive LAPD
Message buffer contains a new PMDL message, that
needs to be read and/or processed.
A "0" in this bit-field indicates that the LAPD Message
Reception Complete interrupt has NOT occurred
since the last read of this register. A "1" in this bit-
field indicates that the LAPD Message Reception
Complete interrupt has occurred since the last read of
this register.
NOTE: For more information on the LAPD Receiver, please
see Section 3.3.3.2.
2.3.2.14 Receive DS3 LAPD Status Register
Bit 6 - RxAbort (Receive Abort Sequence)
This Read-Only bit-field indicates whether or not the
LAPD Receiver has detected the occurrence of an
Abort Sequence (e.g., a string of seven or more con-
secutive "1’s") from the far-end LAPD Transmitter. A
"0" in this bit-field indicates that no Abort-Sequence
has been detected. A "1" in this bit-field indicates that
the Abort-Sequence has been detected.
NOTE: For more information on the LAPD Receiver, please
see Section 3.3.3.2.
Bits, 5 and 4 - RxLAPDType[1, 0]
These two Read Only bit-fields combine to indicate
the type of LAPD Message frame that has been re-
ceived by the LAPD Receiver. The relationship be-
RXDS3 LAPD CONTROL REGISTER (ADDRESS = 0X18)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Not Used
RxLAPD
Enable
RxLAPD
Interrupt
Enable
RxLAPD
Interrupt
Status
RO
RO
RO
RO
RO
R/W
R/W
RUR
0
0000
000
RXDS3 LAPD STATUS REGISTER (ADDRESS = 0X19)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Not Used
RxAbort
RxLAPDType[1:0}
RxCR Type
RxFCS Error
End of
Message
Flag Present
RO
RO
RO
RO
RO
RO
RO
RO
0
0000
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com