Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 72 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 72 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 68Page - Exar Corporation XRT7250 Datasheet HTML 69Page - Exar Corporation XRT7250 Datasheet HTML 70Page - Exar Corporation XRT7250 Datasheet HTML 71Page - Exar Corporation XRT7250 Datasheet HTML 72Page - Exar Corporation XRT7250 Datasheet HTML 73Page - Exar Corporation XRT7250 Datasheet HTML 74Page - Exar Corporation XRT7250 Datasheet HTML 75Page - Exar Corporation XRT7250 Datasheet HTML 76Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 463 page
background image
áç
áç
áç
áç
DS3/E3 FRAMER IC
XRT7250
REV. 1.1.1
53
0x19
RxDS3 LAPD Status Register
RxE3 LAPD Status Register
b00000000
b00000000
R/O
0x1A
RxE3 NR Byte Register - G.832
RxE3 Service Bit Register G.751
b00000000
b00000000
R/O
0x1B
RxE3 GC Byte Register - G.832
b00000000
R/O
0x1C
RxE3 TTB-0 Register - G.832
b00000000
R/O
0x1D
RxE3 TTB-1 Register - G.832
b00000000
R/O
0x1E
RxE3 TTB-2 Register - G.832
b00000000
R/O
0x1F
RxE3 TTB-3 Register - G.832
b00000000
R/O
0x20
RxE3 TTB-4 Register - G.832
b00000000
R/O
0x21
RxE3 TTB-5 Register - G.832
b00000000
R/O
0x22
RxE3 TTB-6 Register - G.832
b00000000
R/O
0x23
RxE3 TTB-7 Register - G.832
b00000000
R/O
0x24
RxE3 TTB-8 Register - G.832
b00000000
R/O
0x25
RxE3 TTB-9 Register - G.832
b00000000
R/O
0x26
RxE3 TTB-10 Register - G.832
b00000000
R/O
0x27
RxE3 TTB-11 Register - G.832
b00000000
R/O
0x28
RxE3 TTB-12 Register - G.832
b00000000
R/O
0x29
RxE3 TTB-13 Register - G.832
b00000000
R/O
0x2A
RxE3 TTB-14 Register - G.832
b00000000
R/O
0x2B
RxE3 TTB-15 Register - G.832
b00000000
R/O
0x2C - 0x2F Reserved
b00000000
R/O
0x30
TxDS3 Configuration Register
TxE3 Configuration Register - G.832
TxE3 Configuration Register - G.751
b00000111
b00000000
b00000000
R/W
0x31
TxDS3 FEAC Configuration and Status Register
b00000000
R/O, R/W, RUR
0x32
TxDS3 FEAC Register
b01111110
R/W
0x33
TxDS3 LAPD Configuration Register
TxE3 LAPD Configuration Register
b00000000
b00000000
R/W
0x34
TxDS3 LAPD Status/Interrupt Register
TxE3 LAPD Status/Interrupt Register
b00000000
b00000000
R/W, R/O, RUR
0x35
TxDS3 M-Bit Mask Register
TxE3 GC Byte Register - G.832
TxE3 Service Bits Register - G.751
b00000000
b00000000
b00000000
R/W
0x36
TxDS3 F-Bit Mask Register 1
TxE3 MA Byte Register - G.832
b00000000
b00000000
R/W
TABLE 4: REGISTER ADDRESSING OF THE FRAMER PROGRAMMER REGISTERS
ADDRESS
REGISTER NAME
POWER UP DEFAULT VALUE
REGISTER TYPE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com