Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 79 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 79 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 75Page - Exar Corporation XRT7250 Datasheet HTML 76Page - Exar Corporation XRT7250 Datasheet HTML 77Page - Exar Corporation XRT7250 Datasheet HTML 78Page - Exar Corporation XRT7250 Datasheet HTML 79Page - Exar Corporation XRT7250 Datasheet HTML 80Page - Exar Corporation XRT7250 Datasheet HTML 81Page - Exar Corporation XRT7250 Datasheet HTML 82Page - Exar Corporation XRT7250 Datasheet HTML 83Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 463 page
background image
XRT7250
DS3/E3 FRAMER IC
áç
áç
áç
áç
REV. 1.1.1
60
The XRT7250 will set this bit-field to "0" if it is not cur-
rently detecting an AIS pattern in the incoming data
stream. Conversely, the XRT7250 will set this bit-field
to "1" if it is currently receiving an AIS pattern in the
incoming data stream.
NOTE: For a more detailed discussion on the AIS pattern
for DS3 applications, please see Section 3.3.2.5.2
Bit 6 - RxLOS (Receive LOS Condition) Indicator
This Read-Only bit-field indicates whether or not the
Receive Section of the Framer device is currently de-
claring an LOS (Loss of Signal) condition of the in-
coming DS3 or E3 data stream.
If this bit-field is set to "0", then the Receive Section
(of the chip) is currently not declaring an LOS condi-
tion.
If this bit-field is set to "1", then the Receive Section
(of the chip) is currently declaring an LOS condition.
NOTE: For more information on the LOS Declaration crite-
ria, for DS3 and E3 applications, please see Section
3.3.2.5.2.
Bit 5 - RxIdle (Receive Idle Pattern) Indicator
This Read-Only bit-field indicates whether or not the
Receive Section of the Framer device is currently de-
tecting the Idle-pattern in the incoming DS3 data
stream.
If this bit-field is set to "0" then the Receive Section
(of the chip) is currently not detecting the Idle-pattern
in the incoming DS3 data stream.
If this bit-field is set to "1" then the Receive Section
(of the chip) is currently detecting the Idle pattern in
the incoming DS3 data stream.
NOTES:
1. This bit-field is only relevant for DS3 applications.
2. For more information on the Idle Pattern, please
see Section 3.3.2.5.3
Bit 4 - RxOOF (Receive Out-of-Frame) Indicator
This Read-Only bit-field indicates whether or not the
Receive Section of the Framer device is currently de-
claring an OOF (Out of Frame) condition.
If this bit-field is set to "0", then the Receive Section
(of the chip) is currently not declaring the OOF condi-
tion.
If this bit-field is set to "1", then the Receive Section
(of the chip) is currently declaring the OOF condition.
NOTE: For more information on the OOF Declaration crite-
ria, for DS3 applications, please see Section 3.3.2.2.
Bit 3 - Reserved.
Bit 2 - Framing On Parity ON/OFF Select
This Read/Write bit field allows the user to require
that the Receive DS3 Framer include Parity (P-bit)
verification as a condition for declaring itself In-
Frame, during Frame Acquisition. This requirement
will be imposed in addition to those criteria selected
via Bits 0 and 1 of this register.
This feature also imposes an additional Frame Main-
tenance requirement on the Receive DS3 Framer, in
addition to the requirements specified in the user's
selection of Bits 0 and 1 of this register. In particular,
if this additional requirement is implemented, the Re-
ceive DS3 Framer will perform a frame search if it de-
tects P-bit errors in at least 2 out of 5 DS3 Frames.
Writing a "1" to this bit-field imposes these additional
requirements. Whereas, writing a '0' causes the Re-
ceive DS3 Framer to waive this requirement.
NOTE: For more information on Framing with Parity please
see Section 3.3.2.2.
Bit 1 - F Sync Algo(rithim Select)
This 'Read/Write' bit-field, in conjunction with Bits 0
and 2 of this register, allows the user to completely
define the Frame Maintenance Criteria of the Receive
DS3 Framer. This particular bit-field allows the user
to define the Frame Maintenance Criteria as it applies
to F-bits.
If the user writes a "1" to this bit-field, then the Re-
ceive DS3 Framer will declare an Out of Frame (OOF)
condition if 3 out of 16 F-Bits are in Error. If the user
writes a "0" to this bit-field, then the Receive DS3
Framer will declare an Out of Frame (OOF) condition
is 6 out of 16 F-bits are in error.
NOTE: For more information on the use of this bit, and the
Framing Maintenance operation of the Receive DS3
Framer, please see Section 3.3.2.2.
Bit 0 - M Sync Algo(rithm Select)
This 'Read/Write' bit-field in conjunction with Bits 1
and 2 of this register, allows the user to completely
define the Frame Maintenance Criteria of the Receive
DS3 Framer. This particular bit-field allows the user
to define the Frame Maintenance criteria, as it applies
to M-bits.
If the user writes a "1" to this bit-field, then the Re-
ceive DS3 Framer will declare an Out of Frame (OOF)
condition if 3 out of 4 M-bits are in error. If the user
writes a "0" to this bit-field, then the Receive DS3
Frame will ignore the occurrence of M-bit errors while
operating in the Frame Maintenance mode.
NOTE: For more information on the use of this bit-field, and
the Framing Maintenance operation of the Receive DS3
Framer, please see Section 3.3.2.2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com