Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 42 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 42 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 38Page - Exar Corporation XRT7250 Datasheet HTML 39Page - Exar Corporation XRT7250 Datasheet HTML 40Page - Exar Corporation XRT7250 Datasheet HTML 41Page - Exar Corporation XRT7250 Datasheet HTML 42Page - Exar Corporation XRT7250 Datasheet HTML 43Page - Exar Corporation XRT7250 Datasheet HTML 44Page - Exar Corporation XRT7250 Datasheet HTML 45Page - Exar Corporation XRT7250 Datasheet HTML 46Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 463 page
background image
áç
áç
áç
áç
DS3/E3 FRAMER IC
XRT7250
REV. 1.1.1
23
t60B
“RxOH” Data Valid to rising edge of
"RxOHEnable" delay
910
420
25
930
440
32
ns
ns
ns
DS3 Applications
E3, ITU-T G.832
Applications
E3, ITU-T G.751
Applications
Microprocessor Interface - Intel (See Figure 15)
t64
A8 - A0 Setup Time to ALE_AS Low
4ns
t65
A8 - A0 Hold Time from ALE_AS Low.
2ns
Intel Type Read Operations (See Figure 15 and Figure 17)
t66
RDS_DS*, WR_RW* Pulse Width
60
ns
t67
Data Valid from RDS_DS* Low.
611
ns
t68
Data Bus Floating from RDS_DS* High
712
ns
t69
ALE to RD Time
4ns
t701
RD Time to "NOT READY" (e.g., RDY_DTCK tog-
gling "Low")
6ns
t70
RD to READY Time (e.g., RDY_DTCK toggling
"high")
15
70
ns
t76
Minimum Time between Read Burst Access (e.g.,
the rising edge of RD to falling edge of RD)
30
ns
Intel Type Write Operations (Figure 16 and Figure 18)
t71
Data Setup Time to WR_RW* High
4ns
t72
Data Hold Time from WR_RW* High
2ns
t73
High Time between Reads and/or Writes
30
ns
t74
ALE to WR Time
4ns
t77
Min Time between Write Burst Access (e.g., the ris-
ing edge of WR to the falling edge of WR)
30
ns
t770
CS Assertion to falling edge of WR_RW
20
ns
Microprocessor Interface - Motorola Read Operations (See Figure 19 and Figure 21)
t78
A8 - A0 Setup Time to falling edge of ALE_AS
5ns
t79
Rising edge of RD_DS to rising edge of
“RDY_DTCK” delay
0ns
t80
Rising edge of “RDY_DTCK” to tri-state of D[7:0]
0ns
Microprocessor Interface - Motorola Read & Write Operations (See Figure 19, Figure 20, Figure 21 and Figure 22)
AC ELECTRICAL CHARACTERISTICS (CONT.)
Test Conditions: TA = 25(C, VCC = 5.0V + 5% unless otherwise specified
SYMBOL
PARAMETER
MIN.TYP.MAX.UNITS
CONDITIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com