Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 24 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 24 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 20Page - Exar Corporation XRT7250 Datasheet HTML 21Page - Exar Corporation XRT7250 Datasheet HTML 22Page - Exar Corporation XRT7250 Datasheet HTML 23Page - Exar Corporation XRT7250 Datasheet HTML 24Page - Exar Corporation XRT7250 Datasheet HTML 25Page - Exar Corporation XRT7250 Datasheet HTML 26Page - Exar Corporation XRT7250 Datasheet HTML 27Page - Exar Corporation XRT7250 Datasheet HTML 28Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 463 page
background image
áç
áç
áç
áç
DS3/E3 FRAMER IC
XRT7250
REV. 1.1.1
5
25
NibbleIntf
I
Nibble Interface Select Input Pin
This input pin allows the user to configure the Transmit Payload Data Input
Interface and the Receive Payload Data Output Interface to operate in either
the "Serial-Mode" or the "Nibble/Parallel-Mode".
Setting this input pin "high" configures the Transmit and Receive Terminal Inter-
faces to operate in the "Nibble/Parallel-Mode". In this mode, the “Transmit Pay-
load Data Input Interface” block will accept the “outbound” payload data (from
the Terminal Equipment) in a “nibble-parallel” manner via the “TxNib[3:0]” input
pins. Further, the “Receive Payload Data Output Interface” block will output the
“inbound” payload data (to the Terminal Equipment) in a “nibble-parallel” man-
ner via the “RxNib[3:0]” output pin.
Setting this input pin "low" configures the Transmit and Receive Terminal Inter-
faces to operate in the "Serial" Mode. In this mode, the “Transmit Payload Data
Input Interface” block will accept the “outbound” payload data (from the Termi-
nal Equipment) in a “serial” manner via the “TxSer” input pin. Further, the
“Receive Payload Data Output Interface” block will output the “inbound” pay-
load data (to the Terminal Equipment) in a “serial” manner via the “RxSer” out-
put pin.
26
GND
****
Ground Pin
27
MOTO
I
Motorola/Intel Processor Interface Select Mode:
This input pin allows the user to configure the Microprocessor Interface to inter-
face with either a "Motorola-type" or "Intel-type" microprocessor/microcontrol-
ler. Tying this input pin to VCC, configures the microprocessor interface to
operate in the Motorola mode (e.g., the Framer device can be readily interfaced
to a "Motorola type" local microprocessor). Tying this input pin to GND config-
ures the Microprocessor Interface to operate in the Intel Mode (e.g., the Framer
device can be readily interfaced to a “Intel type" local microprocessor).
28
RESET
I
Reset Input:
When this "active-low" signal is asserted, the Framer device will be asynchro-
nously reset. Additionally, all outputs will be "tri-stated", and all on-chip regis-
ters will be reset to their default values.
29
GND
****
Ground Pin
30
VDD
****
Power Supply Pin
31
GND
****
Ground Pin
32
D0
I/O
Bi-directional Data Bus (Microprocessor Interface Section):
Please see description for D7, pin 39
33
D1
I/O
Bi-directional Data Bus (Microprocessor Interface Section):
Please see description for D7, pin 39
34
D2
I/O
Bi-directional Data Bus (Microprocessor Interface Section):
Please see description for D7, pin 39
35
D3
I/O
Bi-directional Data Bus (Microprocessor Interface Section):
Please see description for D7, pin 39
36
D4
I/O
Bi-directional Data Bus (Microprocessor Interface Section):
Please see description for D7, pin 39
37
D5
I/O
Bi-directional Data Bus (Microprocessor Interface Section):
Please see description for D7, pin 39
PIN DESCRIPTION
PIN #NAME
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com