Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 88 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 88 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 84Page - Exar Corporation XRT7250 Datasheet HTML 85Page - Exar Corporation XRT7250 Datasheet HTML 86Page - Exar Corporation XRT7250 Datasheet HTML 87Page - Exar Corporation XRT7250 Datasheet HTML 88Page - Exar Corporation XRT7250 Datasheet HTML 89Page - Exar Corporation XRT7250 Datasheet HTML 90Page - Exar Corporation XRT7250 Datasheet HTML 91Page - Exar Corporation XRT7250 Datasheet HTML 92Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 463 page
background image
áç
áç
áç
áç
DS3/E3 FRAMER IC
XRT7250
REV. 1.1.1
69
2.3.3.4
3.3.2.18 Receive E3 Interrupt Enable
Register - 2 (E3, ITU-T G.832)
Bit 6 - TTB Change Interrupt Enable
This Read/Write bit-field allows the user to enable or
disable the Change in Trail Trace Buffer Message in-
terrupt. Setting this bit-field to "1" enables this inter-
rupt. Setting this bit-field to "0" disables this interrupt.
NOTE: For more information on Trail Trace Buffer mes-
sages, please see Section 5.3.2.9.
Bit 5 - Received LAPD Message Interrupt Enable
This Read/Write bit-field allows the user to enable or
disable the Received LAPD Message frame interrupt.
Setting this bit-field to "1" enables this interrupt. Set-
ting this bit-field to "0" disables this interrupt.
NOTE: For more information on this interrupt, please see
Section 5.3.6.1.12.
Bit 4 - FEBE (Far-End Block Error) Interrupt En-
able
This Read/Write bit-field allows the user to enable or
disable the Far-End-Block Error (FEBE) interrupt.
Setting this bit-field to "1" enables this interrupt. Set-
ting this bit-field to "0" disables this interrupt.
NOTE: For more information on the FEBE Interrupt condi-
tion, please see Section 5.3.6.1.8.
Bit 3 - FERF (Far-End Receive Failure) Interrupt
Enable
This Read/Write bit-field allows the user to enable or
disable the Change in FERF Condition interrupt. Set-
ting this bit-field to "1" enables this interrupt. Setting
this bit-field to "0" disables this interrupt.
NOTE: For more information on the Change in FERF Condi-
tion interrupt, please see Section 5.3.6.1.7.
Bit 2 - EM Byte Error Interrupt Enable
This Read/Write bit-field allows the user to enable or
disable the EM Byte Error interrupt. Setting this bit-
field to "1" enables this interrupt. Setting this bit-field
to "0" disables this interrupt.
NOTE: For more information on this interrupt, please see
Section 5.3.6.1.9.
Bit 1 - Framing Byte Error Interrupt Enable
This Read/Write bit-field allows the user to enable or
disable the Framing Byte Error interrupt. Setting this
bit-field to "1" enables this interrupt. Setting this bit-
field to "0" disables this interrupt.
NOTE: For more information on this interrupt, please see
Section 5.3.6.1.10.
Bit 0 - Receive Payload Type Mismatch Interrupt
Enable
This Read/Write bit-field allows the user to enable or
disable the Receive Payload Type Mismatch interrupt.
Setting this bit-field to "1" enables this interrupt. Set-
ting this bit-field to "0" disables this interrupt.
NOTE: For more information on this interrupt, please see
Section 5.3.6.1.11.
2.3.3.5
Receive E3 Interrupt Status Register -
1 (E3, ITU-T G.832)
RXE3 INTERRUPT ENABLE REGISTER - 2 (ADDRESS = 0X13)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Not Used
TTB
Change
Interrupt
Enable
Not Used
FEBE
Interrupt
Enable
FERF
Interrupt
Enable
BIP-8
Error Interrupt
Enable
Framing
Byte Error
Interrupt
Enable
RxPld
Mis
Interrupt
Enable
RO
R/W
RO
R/W
R/W
R/W
R/W
R/W
0
0000
000
RXE3 INTERRUPT STATUS REGISTER - 1 (ADDRESS = 0X14)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Not Used
COFA
Interrupt
Status
OOF
Interrupt
Status
LOF
Interrupt
Status
LOS
Interrupt
Status
AIS
Interrupt
Status
RO
RO
RO
RUR
RUR
RUR
RUR
RUR
0
0000
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com