Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 77 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 77 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 73Page - Exar Corporation XRT7250 Datasheet HTML 74Page - Exar Corporation XRT7250 Datasheet HTML 75Page - Exar Corporation XRT7250 Datasheet HTML 76Page - Exar Corporation XRT7250 Datasheet HTML 77Page - Exar Corporation XRT7250 Datasheet HTML 78Page - Exar Corporation XRT7250 Datasheet HTML 79Page - Exar Corporation XRT7250 Datasheet HTML 80Page - Exar Corporation XRT7250 Datasheet HTML 81Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 463 page
background image
XRT7250
DS3/E3 FRAMER IC
áç
áç
áç
áç
REV. 1.1.1
58
Setting this bit-field to "1" configures the XRT7250 to
output data, via the TxPOS and TxNEG output pins,
on the falling edge of TxLineClk.
Bit 1 - RxLineClk Invert
This Read/Write bit-field permits the user to configure
the XRT7250 to latch data on the RxPOS and Rx-
NEG input pins, into the XRT7250, on the rising or
falling edge of RxLineClk.
Setting this bit-field to "0" configures the XRT7250 to
latch the data on the RxPOS and RxNEG input pins,
into the device, on the rising edge of RxLineClk.
Setting this bit-field to "1" configures the XRT7250 to
latch the data on the RxPOS and RxNEG input pins,
into the device, data, on the falling edge of RxLineClk.
Bit 0 - Reframe
This Read/Write bit-field permits the user to configure
the Receive Section of the XRT7250 to start a new
frame search. A "0" to "1" transition, in this bit-field
will force the chip to start a new frame search.
2.3.2.3
Part Number Register
2.3.2.4
Version Number Register
2.3.2.5
Block Interrupt Enable Register
Bit 7 - RxDS3/E3 Interrupt Enable
This Read/Write bit-field permits the user to enable or
disable all Receive Section related interrupts (within
the XRT7250), at the Block Level.
Setting this bit-field to "0" disables all Receive Section
related Interrupts within the XRT7250.
Setting this bit-field to "1" enables the Receive Sec-
tion related Interrupts (within the XRT7250) at the
block level.
NOTE: Setting this bit-field to "1" does not enable all
Receive Section related Interrupts. Each of these interrupts
can still be disabled at the Source Level. However, setting
this bit-field to "0" does disable all Receive Section related
Interrupts.
Bit 1 - TxDS3/E3 Interrupt Enable
This Read/Write bit-field permits the user to enable or
disable all Transmit Section related interrupts (within
the XRT7250), at the Block Level.
Setting this bit-field to "0" disables all Transmit Sec-
tion related Interrupts within the XRT7250.
PART NUMBER REGISTER (ADDRESS = 0X02)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Part Number Value
RO
RO
RO
RO
RO
RO
RO
RO
00000011
VERSION NUMBER REGISTER (ADDRESS = 0X03)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Version Number Value
RO
RO
RO
RO
RO
RO
RO
RO
00000001
BLOCK INTERRUPT ENABLE REGISTER (ADDRESS = 0X04)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
RxDS3/E3
Interrupt
Enable
Not Used
TxDS3/E3
Interrupt
Enable
One-Second
Interrupt
Enable
R/W
RORO
RO
RORO
R/W
R/W
00
000
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com