Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 98 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 98 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 94Page - Exar Corporation XRT7250 Datasheet HTML 95Page - Exar Corporation XRT7250 Datasheet HTML 96Page - Exar Corporation XRT7250 Datasheet HTML 97Page - Exar Corporation XRT7250 Datasheet HTML 98Page - Exar Corporation XRT7250 Datasheet HTML 99Page - Exar Corporation XRT7250 Datasheet HTML 100Page - Exar Corporation XRT7250 Datasheet HTML 101Page - Exar Corporation XRT7250 Datasheet HTML 102Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 463 page
background image
áç
áç
áç
áç
DS3/E3 FRAMER IC
XRT7250
REV. 1.1.1
79
Bit 7 - RxLOF (Receive Loss of Frame) Al-
go(rithm) Select
This Read/Write bit-field permits the user to select
the Receive Loss of Frame Declaration Algorithm, for
the Receive Section of the XRT7250.
Setting this bit-field to "0" configures the Receive
Section to declare a Loss of Frame condition, if it re-
sides in the OOF (Out of Frame) Condition for 24 E3
Frame periods. Likewise, the Receive Section will
clear the Loss of Frame condition, if it resides in the
In-Frame condition for 24 E3 Frame periods.
Setting this bit-field to "1" configures the Receive
Section to declare a Loss of Frame condition, if it re-
sides in the OOF (Out of Frame) condition for 8 E3
Frame periods. Likewise, the Receive Section will
clear the Loss of Frame condition, if it resides in the
In-Frame condition for 8 E3 Frame periods.
NOTE: For more information on the LOF and OOF condi-
tion, please see Section 4.3.2.2.
Bit 6 - RxLOF (Receive Loss of Frame) Status
This Read-Only bit-field indicates whether or not the
Receive Section of the Framer IC is operating in the
Loss of Frame state.
If this bit-field is set to "0", then the Receive Section is
NOT operating in the Loss of Frame state. Converse-
ly, if this bit-field is set to "1", then the Receive Sec-
tion is operating in the Loss of Frame state.
NOTE: For more information on the "Loss of Frame" State,
please see Section 4.3.2.2.
Bit 5 - RxOOF (Receive Out of Frame) Status
This Read-Only bit-field indicates whether or not the
Receive Section of the Framer IC is operating in the
Out of Frame state.
If this bit-field is set to "0", then the Receive Section is
NOT operating in the Out of Frame state. Conversely,
if this bit-field is set to "1", then the Receive Section is
operating in the Out of Frame state.
NOTE: For more information on the Out of Frame State,
please see Section 4.3.2.2.
Bit 4 - RxLOS (Receive Loss of Signal) Status
This Read-Only bit-field indicates whether or not the
Receive Section of the Framer IC is currently declar-
ing an LOS (Loss of Signal) Condition.
If this bit-field is set to "0", then the Receive Section is
NOT declaring a Loss of Signal condition. Converse-
ly, if this bit-field is set to "1", then the Receive Sec-
tion is declaring the Loss of Signal condition.
NOTE: For more information on the Loss of Signal Condi-
tion, please see Section 4.3.2.7.
Bit 3 - RxAIS (Receive Alarm Indication Signal)
Status
This Read-Only bit-field indicates whether or not the
Receive Section of the Framer IC is currently declar-
ing an AIS (Alarm Indication Signal) Condition.
If this bit-field is set to "0", then the Receive Section is
NOT declaring a AIS condition. Conversely, if this bit-
field is set to "1", then the Receive Section is declar-
ing an AIS condition.
NOTE: For more information on the AIS Condition, please
see Section 4.3.2.8.
Bit 0 - RxFERF (Received Far-End-Receive-Fail-
ure) Status
This Read-Only bit-field indicates whether or not the
Receive Section of the Framer IC is currently declar-
ing a FERF (Far-End Receive Failure) Condition.
If this bit-field is set to "0", then the Receive Section is
NOT declaring a FERF condition. Conversely, if this
bit-field is set to "1", then the Receive Section is de-
claring an FERF condition.
NOTE: For more information on the FERF Condition, please
see Section 4.3.2.9.
2.3.4.3
Receive E3 Framer Interrupt Enable
Register - 1 (E3, ITU-T G.751)
RXE3 CONFIGURATION & STATUS REGISTER - 2 (ADDRESS = 0X11)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
RxLOF
Algo
RxLOF
RxOOF
RxLOS
RxAIS
Not Used
RxFERF
R/W
RORO
RO
RORORORO
0
1100
111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com