Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 101 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 101 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 97Page - Exar Corporation XRT7250 Datasheet HTML 98Page - Exar Corporation XRT7250 Datasheet HTML 99Page - Exar Corporation XRT7250 Datasheet HTML 100Page - Exar Corporation XRT7250 Datasheet HTML 101Page - Exar Corporation XRT7250 Datasheet HTML 102Page - Exar Corporation XRT7250 Datasheet HTML 103Page - Exar Corporation XRT7250 Datasheet HTML 104Page - Exar Corporation XRT7250 Datasheet HTML 105Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 463 page
background image
XRT7250
DS3/E3 FRAMER IC
áç
áç
áç
áç
REV. 1.1.1
82
The local µP can determine the current state of the
AIS condition by reading bit 7 of the Rx E3 Configura-
tion and Status Register (Address = 0x11).
NOTE: For more information on the AIS Condition please
see Section 4.3.2.8.
2.3.4.6
Receive E3 Interrupt Status Register -
2 (E3, ITU-T G.751)
Bit 3 - FERF (Change in FERF Condition) Interrupt
Status
This Reset Upon Read bit will be set to '1' if the Re-
ceive E3 Framer has detected a Change in the Rx
FERF Condition, since the last time this register was
read.
This bit-field will be asserted under either of the fol-
lowing two conditions.
1. When the Receive E3 Framer first detects the
occurrence of an Rx FERF Condition (e.g., when
the FERF bit, within the last 3 or 5 consecutive
E3 frames are set to "1").
2. When the Receive E3 Framer detects the end of
the Rx FERF Condition (e.g., when the FERF bit,
within the last 3 or 5 consecutive E3 frames are
set to "0").
NOTE: For more information on the Rx FERF (Yellow
Alarm) condition, please see Section 4.3.2.9.
Bit 2 - BIP-4 (Detection of BIP-4) Error Interrupt
Status
This Reset-upon-Read bit-field will be set to "1" if the
BIP-4 Error interrupt has occurred since the last read
of this register.
The Receive E3 Framer will generate the BIP-4 Error
interrupt if it has concluded that it has received an er-
rored E3 frame, from the Far-End Terminal.
NOTE: Please see Section 4.3.6.1.7 for a more detailed dis-
cussion of this interrupt.
Bit 1 - Framing Error Interrupt Status
This Reset-upon-Read bit-field will be set to "1" if the
Framing Byte Error interrupt has occurred since the
last read of this register.
The Receive E3 Framer will generate the Framing Er-
ror interrupt if it has detected an error in the FAS (or
Framing Alignment), in an incoming E3 frame.
NOTE: Please see Section 4.3.6.1.8 for a more detailed dis-
cussion of this interrupt.
2.3.4.7
Receive E3 LAPD Control Register (E3,
ITU-T G.751)
Bit 2 - RxLAPD Enable
This Read/Write bit-field allows the user to enable or
disable the LAPD Receiver, for reception of incoming
LAPD Message frames from the Remote LAPD
Transmitter.
Writing a "1" to this bit-field enables the LAPD Re-
ceiver. Writing a "0" to this bit-field disables the LAPD
Receiver.
Bit 1 - RxLAPD (Received LAPD Message) Inter-
rupt Enable
RXE3 INTERRUPT STATUS REGISTER - 2 (ADDRESS = 0X15)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Not Used
FERF
Interrupt
Status
BIP-4
Error
Interrupt
Status
Framing
Error
Interrupt
Status
Not Used
RO
RO
RO
RO
RUR
RUR
RUR
RUR
00
000
000
RXE3 LAPD CONTROL REGISTER (ADDRESS = 0X18)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Not Used
RxLAPD
Enable
RxLAPD
Interrupt
Enable
RxLAPD
Interrupt
Enable
RO
RO
RO
RO
RO
R/W
R/W
RUR
00
000
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com