Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 74 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 74 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 70Page - Exar Corporation XRT7250 Datasheet HTML 71Page - Exar Corporation XRT7250 Datasheet HTML 72Page - Exar Corporation XRT7250 Datasheet HTML 73Page - Exar Corporation XRT7250 Datasheet HTML 74Page - Exar Corporation XRT7250 Datasheet HTML 75Page - Exar Corporation XRT7250 Datasheet HTML 76Page - Exar Corporation XRT7250 Datasheet HTML 77Page - Exar Corporation XRT7250 Datasheet HTML 78Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 463 page
background image
áç
áç
áç
áç
DS3/E3 FRAMER IC
XRT7250
REV. 1.1.1
55
2.3.2
Framer Register Description
This section provides a function description of each
bit-field within each of the on-chip Framer Registers.
NOTE: For all on-chip registers, a table containing the bit-
format of the register is presented. Additionally, these
tables also contain the default values for each of these reg-
ister bits. Finally, the functional description, associated with
each register bit-field is presented, along with a reference to
a Section Number, within this Data Sheet, that provides a
more in-depth discussion of the functions associated with
this register bit-field.
2.3.2.1
Framer Operating Mode Register
Bit 7 - Local Loopback Mode
0x58
PMON CP Bit Error Event Count Register - MSB
b00000000
RUR
0x59
PMON CP Bit Error Event Count Register - LSB
b00000000
RUR
0x5A - 0x6B Reserved
b00000000
RUR
0x6C
PMON Holding Register
b00000000
RUR
0x6D
One-Second Error Status Register
b00000000
R/O
0x6E
LCV One-Second Accumulator Register - MSB
b00000000
R/O
0x6F
LCV One-Second Accumulator Register - LSB
b00000000
R/O
0x70
Frame Parity Error One-Second Accumulator Register -
MSB (BIP-8 in G.832)
b00000000
R/O
0x71
Frame Parity Error One-Second Accumulator Register -
LSB (BIP-8 in G.832)
b00000000
R/O
0x72
Frame CP Bit Error - One-Second Accumulator Register -
MSB
b00000000
R/O
0x73
Frame CP Bit Error - One-Second Accumulator Register -
LSB
b00000000
R/O
0x72 - 0x7F Reserved
0x80
Line Interface Drive Register
b00001000
R/W
0x81
Line Interface Scan Register
b00000000
R/O
0x82 - 0x85 Reserved
0x86 - 0xDD Transmit LAPD Message Buffer (RAM)
bxxxxxxx
R/W
0xDE -
0x135
Receive LAPD Message Buffer (RAM)
bxxxxxxx
R/W
TABLE 4: REGISTER ADDRESSING OF THE FRAMER PROGRAMMER REGISTERS
ADDRESS
REGISTER NAME
POWER UP DEFAULT VALUE
REGISTER TYPE
FRAMER OPERATING MODE REGISTER (ADDRESS = 0X00)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Local Loopback
DS3/E3*
Internal
LOS
Enable
RESET
Interrupt
Enable Reset
Frame Format
TimRefSel[1:0]
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
00
1
0
1
0
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com